Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P451WM Datasheet(PDF) 34 Page - ELAN Microelectronics Corp

Part # EM78P451WM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451WM Datasheet(HTML) 34 Page - ELAN Microelectronics Corp

Back Button EM78P451WM Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 38Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
EM78P451
8-Bit Microcontroller with OTP ROM
30
•
Product Specification (V1.1) 06.30.2003
(This specification is subject to change without further notice)
4.6.2 Function Description
Fig. 15 shows TIMER1 block diagram. Each signal and block is described as follows:
Fig. 15 TIMER1 Block Diagram
OSC/4
:
Input clock.
Prescaler
:
Option of 1:1, 1:4, 1:8, and 1:16 defined by T1P1 and T1P02 (T1CON<1,
0>). It is cleared when a value is written to TMR1 or T1CON, and during
any kind of reset as well.
PWP
:
Pulse width preset register. The desired width of baud clock is written in
advance.
TMR1
:
Timer 1 register. TMR1 increases until it matches with PWP, and then
resets to 0. If it is chosen optionally in the SPI mode, its output is fed as
a shifting clock.
Comparator:
To change the output status while a match occurs. The TMR1IF flag will
be set at the same time.
4.6.3 Programmed the Related Registers
The related registers of the defining TMR1 operation are shown in Table 4 and Table 5
Table 4 Related Control Registers of the TMR1
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x0C
SPIS/RC
0
0
0
TM1IF
OD3
OD4
RBFIF
RBF
0x0F
INTC/IOCF
0
0
0
0
TM1IE
SPIIE
EXIE
TCIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com