Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P451WM Datasheet(PDF) 45 Page - ELAN Microelectronics Corp

Part # EM78P451WM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451WM Datasheet(HTML) 45 Page - ELAN Microelectronics Corp

Back Button EM78P451WM Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 49Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
EM78P451
8-Bit Microcontroller with OTP ROM
Product Specification (V1.1) 06.30.2003
• 41
(This specification is subject to change without further notice)
Internal C, external R Table (For reference only)
External R (Ohm)
Fosc @5.0V, 25℃ (Hz)
10K
12M
15K
7.7M
20K
5.7M
30K
3.65M
51K
2.24M
100K
1.14M
150K
749K
200K
559K
510K
214K
2M
56K
3.3M
32.8K
4.10 Code Option Register
Address 12
11
10
9
8
7
6
5
4
3
2
1
0
0xFFF
MS ENWDT CLKS PTB
HLF
RCT
HLP DEL0 DEL1
ID3
ID2
ID1
ID0
Bit 12 (MS):
Oscillator type selection.
0: RC type
1: XTAL type
Bit 11 (ENWDT):
Watchdog Timer enabled.
0: Enable
1: Disable
Bit 10 (CLKS):
Clocks of each instruction cycle.
0: Two clocks
1: Four clocks
Bit 9 (PTB):
Protect bit.
0: Protect enabled
1: Protect disabled
Bit 8 (HLF):
XTAL frequency selection.
0: Low frequency (32.768KHz)
1: High frequency
This bit is useful only when Bit 12 (MS) is 1. When MS is 0, HLF must be
0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com