Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P451WM Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78P451WM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451WM Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78P451WM Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
EM78P451
8-Bit Microcontroller with OTP ROM
Product Specification (V1.1) 06.30.2003
• 9
(This specification is subject to change without further notice)
4.1.11 RD (SPIC: SPI Control Register)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x0D
SPIC/RD
CES
SPIE
SRO
SSE
-
SBRS2 SBRS1 SBRS0
CES (bit 7):
Clock Edge Select bit
1 = Data shifts out on falling edge, and shifts in on rising edge. Data is on
hold during the high level.
0 = Data shifts out on rising edge, and shifts in on falling edge. Data is on
hold during the low level.
SPIE (bit 6):
SPI Enable bit
1= Enable SPI mode
0= Disable SPI mode
SRO (bit 5):
SPI Read Overflow bit
1 = A new data is received while the previous data is still being held in the
SPIB register. In this situation, the data in SPIS register will be
destroyed. To avoid setting this bit, users had better read SPIRB
register even if only the transmission is implemented.
0 = No overflow.
NOTE
This can only occur in slave mode.
SSE (bit 4):
SPI Shift Enable bit
1 = Start to shift, and keep on 1 while the current byte is still being
transmitted.
0 = Reset as soon as the shifting is complete, and the next byte is ready to
shift.
NOTE
This bit will reset to 0 at every one-byte transmission by the hardware
SBRS (bit 2~bit 0):
SPI Baud Rate Select bits
SPI baud rate table is illustrated in SPI section in later pages.
4.1.12 RE (TMR1: Timer1 register)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0X0E
TMR1/RE TMR17 TMR16 TMR15 TMR14 TMR13 TMR12 TMR11 TMR10
TMR17~TMR10 is bit set of timer1 register and it increases until the value matches
PWP and then, it resets to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com