Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P451WM Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM78P451WM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451WM Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM78P451WM Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
EM78P451
8-Bit Microcontroller with OTP ROM
2
•
Product Specification (V1.1) 06.30.2003
(This specification is subject to change without further notice)
Programmable wake up from sleep circuit on I/O ports.
Programmable free running on-chip watchdog timer.
12 wake-up pins.
2 open-drain pins.
2 R-option pins.
32 programmable pull-high input pins.
Packages:
• 40 pin DIP 600mil: EM78P451P.
• 44 pin QFP: EM78P451AQ.
Four types of interrupts.
• External interrupt (/INT).
• SPI transmission completed interrupt.
• TCC overflow interrupt.
• Timer1 comparator match interrupt.
3
PIN ASSIGNMENT
2
3
4
5
6
7
8
9
10
11
12
1
13
14
15
16
17
18
19
20
39
38
37
36
35
34
33
32
31
30
29
40
28
27
26
25
24
23
22
21
VSS
IN T
DA T A
P9 1
S D I/P 9 2
SD O / P9 3
S CK/ P 9 4
SS/ P 9 5
CL K
P9 0
OS C O
P5 0
P5 1
P5 2
P5 3
P5 4
P5 5
P5 6
P5 7
P8 0
P8 1
P8 3
P8 4
P6 0
P8 7
P8 6
P8 5
P6 2
P6 1
P6 3
P6 4
P6 5
P6 6
R- O S CI
VD D
P7 1
P7 2
P6 7
P8 2
P7 0
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
P8 7
P6 4
P6 3
P7 2
P6 5
P6 6
P6 0
P6 1
P6 2
P6 7
P7 1
P9 0
P9 1
S D I/P 9 2
SD O / P9 3
P5 0
P5 1
P5 2
P5 3
P5 4
SC K / P 9 4
SS / P 9 5
E M 78 P 451 A Q
Fig. 1 Pin Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com