Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2500ATR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STLC2500ATR
Description  Bluetooth Single Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500ATR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STLC2500ATR Datasheet HTML 13Page - STMicroelectronics STLC2500ATR Datasheet HTML 14Page - STMicroelectronics STLC2500ATR Datasheet HTML 15Page - STMicroelectronics STLC2500ATR Datasheet HTML 16Page - STMicroelectronics STLC2500ATR Datasheet HTML 17Page - STMicroelectronics STLC2500ATR Datasheet HTML 18Page - STMicroelectronics STLC2500ATR Datasheet HTML 19Page - STMicroelectronics STLC2500ATR Datasheet HTML 20Page - STMicroelectronics STLC2500ATR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
STLC2500A
Functional description
17/37
5.4
Bluetooth controller 1.1 features
The Bluetooth Controller is based on Ericsson Technology Licensing Baseband Core (EBC)
and it is compliant with the Bluetooth specification 1.1:
Point to multipoint (up to 7 Slaves)
Asynchronous Connection Less (ACL) link support giving data rates up to 721
kbps
Synchronous Connection Oriented (SCO) link with support for 2 voice channels
over the air interface
Flexible voice format to Host and over the air (CVSD, PCM 13/16 bits, A-law,
µ-
law)
HW support for packet types: DM1, 3, 5; DH1, 3, 5; HV1, 3; DV
Scatternet capabilities (Master in one piconet and Slave in the other one; Slave in
two piconets). All scatternet v.1.1 errata supported
Ciphering support up to 128 bits key
Paging modes R0, R1, R2
Channel Quality Driven Data Rate
Full Bluetooth software stack available
Low-level link controller
Fully v.1.1 compatible via restricted mode
(e.g.: add_SCO_connection, read_local_supported_features, read_country_code)
5.5
Bluetooth controller 1.2 features
The Bluetooth Controller is also compliant with the Bluetooth specification 1.2:
Adaptive Frequency Hopping (AFH): hopping kernel, channel assessment as
Master and as Slave
Faster connection: Interlaced scan for Page and Inquiry scan, answer FHS at first
reception, RSSI used to limit range
Extended SCO (eSCO) links: supports EV3 and EV5 packets
–QoS Flush
Synchronization: BT clocks are available at HCI level for synchronization of
parallel applications on different slaves
L2CAP Flow & Error control
LMP improvements
LMP SCO handling
Parameter ranges update



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com