Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2500ATR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STLC2500ATR
Description  Bluetooth Single Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500ATR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STLC2500ATR Datasheet HTML 17Page - STMicroelectronics STLC2500ATR Datasheet HTML 18Page - STMicroelectronics STLC2500ATR Datasheet HTML 19Page - STMicroelectronics STLC2500ATR Datasheet HTML 20Page - STMicroelectronics STLC2500ATR Datasheet HTML 21Page - STMicroelectronics STLC2500ATR Datasheet HTML 22Page - STMicroelectronics STLC2500ATR Datasheet HTML 23Page - STMicroelectronics STLC2500ATR Datasheet HTML 24Page - STMicroelectronics STLC2500ATR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
STLC2500A
General specification
21/37
6.2
Transmitter
All output power specifications are given at the pin level and over temperature range unless
otherwise specified.
6.3
System clock
The STLC2500A works with a single clock (sine wave or digital) provided on the
RF_CLK_IN pin. Precision of this clock should be 20 ppm. The external STLC2500A clock
could be 13 or 26 MHz (for GSM application), 19.2 MHz and 38.4 MHz (for 2.5 & 3G &
CDMA platforms).
6.4
Low power clock
The low power clock is used by the Bluetooth Controller as reference clock during the low
power modes. It requires an accuracy of 250ppm. The external STLC2500A clock, provided
on the LP_CLK digital pin could be 3.2 kHz, 16.384 kHz, 32 kHz and 32.768 kHz.
1.
Tamb = 25°C, VDD_HV = 2.75V, parameters are given at device pin.
Table 16.
Transmitter parameters(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
RFout
Output frequency range
2402
2480
MHz
TXpout
Nominal Output power
@2402-2480 MHz
0
3
5
dBm
In-band spurious emission
FCC
FCC’s 20 dB BW
932
kHz
TX_SE2
Channel offset=2
-51
dBm
TX_SE3
Channel offset=3
-55
dBm
TX_SE4
Channel offset
≥4 (except
13)
-57
dBm
Initial carrier frequency tolerance (for an exact reference)
∆F
|f_TX-f0|
-75
75
kHz
Carrier Frequency Drift
|
∆f_p1|
One slot packet
25
kHz
|
∆f_p3|
Three slots packet
40
kHz
|
∆f_p5|
Five slots packet
40
kHz
Carrier Frequency Drift rate
|
∆f/50us|
Frequency drift rate
20
kHz/µs
1.
Tamb = 25°C, VDD_HV = 2.75V, parameters are given at device pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com