Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2500ATR Datasheet(PDF) 28 Page - STMicroelectronics

Part # STLC2500ATR
Description  Bluetooth Single Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500ATR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STLC2500ATR Datasheet HTML 24Page - STMicroelectronics STLC2500ATR Datasheet HTML 25Page - STMicroelectronics STLC2500ATR Datasheet HTML 26Page - STMicroelectronics STLC2500ATR Datasheet HTML 27Page - STMicroelectronics STLC2500ATR Datasheet HTML 28Page - STMicroelectronics STLC2500ATR Datasheet HTML 29Page - STMicroelectronics STLC2500ATR Datasheet HTML 30Page - STMicroelectronics STLC2500ATR Datasheet HTML 31Page - STMicroelectronics STLC2500ATR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
General specification
STLC2500A
28/37
collision and it allows the maximization of the 2.4 GHz ISM bandwidth usage for both
devices while preserving the quality of some critical types of link.
6.11.2
Algorithm 2: WLAN master
In case the STLC2500A has to cooperate in a collocated scenario with a WLAN chip that
does not support a PTA based algorithm, a simpler mechanism can be put in place. The
interface is reduced to 1 line.
Figure 8.
ALgorithm 2: WLAN master
When the WLAN has to operate, it alerts HIGH the RF_NOT_ALLOWED signal and the
STLC2500A will not operate while this signals stays HIGH.
This mechanism permits to avoid packet collision in order to make an efficient use of the
bandwidth but cannot provide guaranteed quality over the Bluetooth links.
6.11.3
Algorithm 3: Bluetooth master
This algorithm represents the symmetrical case of
Section 6.11.2. Also in this case the
interface is reduced to 1 line.
Figure 9.
ALgorithm 3 - Bluetooth master
When the STLC2500A has to operate it alerts HIGH the RF_NOT_ALLOWED signal and
the WLAN will not operate while this signals stays HIGH.
This mechanism permits to avoid packet collision in order to make an efficient use of the
bandwidth, it provides high quality for all Bluetooth links but cannot provide guaranteed
quality over the WLAN links.
6.11.4
Algorithm 4: Two-wire mechanism
Based on algorithm 2 and 3, the Host decides, on a case-by-case basis, whether WLAN or
Bluetooth is master.
6.11.5
Algorithm 5: Alternating Wireless Medium Access (AWMA)
AWMA utilizes a portion of the WLAN beacon interval for Bluetooth operations. From a
timing perspective, the medium assignment alternates between usage following WLAN
procedures and usage following Bluetooth procedures.
The timing synchronization between the WLAN and the STLC2500A is done by the HW
signal MEDIUM_FREE.
STLC2500
WLAN
RF_NOT_ALLOWED
STLC2500
WLAN
RF_NOT_ALLOWED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com