Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2500ATR Datasheet(PDF) 22 Page - STMicroelectronics

Part # STLC2500ATR
Description  Bluetooth Single Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500ATR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STLC2500ATR Datasheet HTML 18Page - STMicroelectronics STLC2500ATR Datasheet HTML 19Page - STMicroelectronics STLC2500ATR Datasheet HTML 20Page - STMicroelectronics STLC2500ATR Datasheet HTML 21Page - STMicroelectronics STLC2500ATR Datasheet HTML 22Page - STMicroelectronics STLC2500ATR Datasheet HTML 23Page - STMicroelectronics STLC2500ATR Datasheet HTML 24Page - STMicroelectronics STLC2500ATR Datasheet HTML 25Page - STMicroelectronics STLC2500ATR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
General specification
STLC2500A
22/37
After power-up, the low power clock must be available before the reset is released. It must
remain active all the time until the chip is powered off.
6.5
Clock detection
The system and low power clocks can be selected by specific HCI commands (16.384 KHz
or 32 KHz) or by an integrated automatic detection algorithm.
The clock detection routine steps are:
Identification of the system clock frequency
(13 MHz, 26MHz, 19.2 MHz or 38.4 MHz)
Identification of the low power clock (3.2 KHz or 32.768 KHz)
6.6
Interrupts
The user can program the GPIOs as external interrupt sources.
6.7
Low power modes
To save power, three low power modes are supported as described in table 18.
Depending of the Bluetooth and of the Host's activity, the STLC2500A decides to use sleep
mode or deep sleep mode.
Complete power down is entered only after an explicit command from the Host.
Table 17.
Low power modes
Low power modes
Description
Sleep mode
The STLC2500A:
– Accepts HCI commands from the Host.
– Supports all types of Bluetooth links.
– Can transfer data over Bluetooth links.
– Dynamically switches between sleep and active mode when
needed.
– The system clock is still active in part of the design.
– Parts of the chip can be dynamically powered off depending on the
Bluetooth activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com