Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2500ATR Datasheet(PDF) 32 Page - STMicroelectronics

Part # STLC2500ATR
Description  Bluetooth Single Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500ATR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STLC2500ATR Datasheet HTML 28Page - STMicroelectronics STLC2500ATR Datasheet HTML 29Page - STMicroelectronics STLC2500ATR Datasheet HTML 30Page - STMicroelectronics STLC2500ATR Datasheet HTML 31Page - STMicroelectronics STLC2500ATR Datasheet HTML 32Page - STMicroelectronics STLC2500ATR Datasheet HTML 33Page - STMicroelectronics STLC2500ATR Datasheet HTML 34Page - STMicroelectronics STLC2500ATR Datasheet HTML 35Page - STMicroelectronics STLC2500ATR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Digital interfaces
STLC2500A
32/37
Figure 13.
PCM interface timing
7.3
JTAG interface
The JTAG interface is compliant with the JTAG IEEE Standard 1149.1. It allows both the
boundary scan of the digital pins and the debug of the ARM7TDMI application when
connected with the standard ARM7 developments tools. It is also used for the industrial test
of the device.
Ss
Slot start (programmable for every
slot)
0
255
cycles
DData size
8
16
bit
N
Number of slots per frame
1
3
1.
In master mode, the minimum frequency is 2 MHz
Table 21.
PCM interface timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
tWCH
High period of PCM_CLK
200
ns
tWCL
Low period of PCM_CLK
200
ns
tWSH
High period of PCM_SYNC
200
ns
tSSC
Setup time, PCM_SYNC high to
PCM_CLK low
100
ns
tSDC
Setup time, PCM_A/B input valid to
PCM_CLK low
100
ns
tHCD
Hold time, PCM_CLK low to
PCM_A/B input valid
100
ns
tDCD
Delay time, PCM_CLK high to
PCM_A/B output valid
150
ns
Table 20.
PCM interface parameters
Symbol
Parameter
Min.
Typ.
Max.
Unit
D02TL557
PCM_CLK
tWCL
PCM_SYNC
PCM_A/B in
PCM_B/A out
MSB
MSB-1
MSB-2
MSB-3
MSB-4
MSB
MSB-1
MSB-2
MSB-3
MSB-4
tSSC
tWCH
tWSH
tHCD
tSDC
tDCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com