Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-D1-R-RC1F Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # IN100-D1-R-RC1F
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-D1-R-RC1F Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button IN100-D1-R-RC1F Datasheet HTML 10Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 11Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 12Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 13Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 14Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 15Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 16Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 17Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
13 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
Table 2:IN100 DFN8 pin and pinmux Info
DFN8 Pin #
Pin name
Pin type
Description
1
CHIP_EN
Analog
Chip enable
2
XO_N
Analog
26MHz XO N
3
XO_P
Analog
26MHz XO P
4
MGPIO5
GPIO
UART TXD *
5
MGPIO4
GPIO
UART RXD *
6
VDDQ
I/O Power
eFuse memory programming power supply
7
VCC
Power
Power supply & IO reference voltage
8
RF_TX
Analog RF
2.4G RF TX output
Note: The GPIOs and MGPIOs (when used as digital I/Os) are in the VCC power supply domain;
The UART pins can’t set as other function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com