Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-D1-R-RC1F Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # IN100-D1-R-RC1F
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-D1-R-RC1F Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button IN100-D1-R-RC1F Datasheet HTML 6Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 7Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 8Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 9Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 10Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 11Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 12Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 13Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
9 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
Security engine: A built-in hardware security engine supports AES-128 and EAX encryption
with/without authentication. A built-in True Random Number Generator (TRNG) facilitates secure
applications.
Figure 1 shows the system block diagram of the NanoBeacon™ SoC IN100 product family. Features
available will vary by part number. For more information on available features of different devices,
please refer to Ordering information.
Figure 1:System block diagram
Memory: The device has two types of memory built in.
-
4Kb OTP memory (eFuse): To store the user advertising data payload, security key and
predefined register settings with one-time programming prior to usage.
-
4KB SRAM: For dynamic advertising data storage. Data in SRAM can be retained in memory
during sleep mode when only the always-on (AON) domain is active.
Advertising data: The device can do non-connected advertising.
-
Predefined data: Data is either stored in eFuse OTP memory or on-chip SRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com