Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-D1-R-RC1F Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # IN100-D1-R-RC1F
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-D1-R-RC1F Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button IN100-D1-R-RC1F Datasheet HTML 38Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 39Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 40Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 41Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 42Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 43Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 44Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 45Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
41 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
wettability of solder joints and reduce the temperature gradient across the board. It can also
enhance the appearance of the solder joints by reducing the effects of oxidation.
The following items should also be observed in the reflow process:
•
Some recommended pastes include NC-SMQ® 230 flux and Indalloy® 241 solder paste made
up of 95.5 Sn/3.8 Ag/0.7 Cu or SENJU N705-GRN3360-K2-V Type 3, no clean paste.
•
Allowable reflow soldering times: Three times based on the reflow soldering profile as shown
in Figure 21.
•
Temperature profile: Reflow soldering shall be done according to the temperature profile as
shown in Figure 21.
•
Peak temperature: 250°C.
Figure 21 : Solder reflow profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com