Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-D1-R-RC1F Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # IN100-D1-R-RC1F
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-D1-R-RC1F Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button IN100-D1-R-RC1F Datasheet HTML 4Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 5Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 6Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 7Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 8Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 9Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 10Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 11Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
7 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
List of Tables
Table 1:IN100 QFN18 pin and pinmux info.......................................................................11
Table 2:IN100 DFN8 pin and pinmux Info ...................................................................... 13
Table 3:eFuse memory structure definition overview................................................... 15
Table 4 : Trigger condition description........................................................................... 17
Table 5 : Advertising data source ................................................................................... 18
Table 6 : VCC monitoring characteristics ...................................................................... 23
Table 7 : Temperature Monitoring Characteristics......................................................... 24
Table 8 : MGPIO Analog monitoring characteristics ....................................................... 24
Table 9 : 32kHz RC oscillator characteristics................................................................. 27
Table 10 : 32.768kHz RTC oscillator characteristics ....................................................... 29
Table 11 : 26MHz RC oscillator characteristics ............................................................... 30
Table 12 : 26MHz crystal oscillator characteristics......................................................... 30
Table 13 : RF sub-system overview................................................................................. 31
Table 14 : Absolute maximum ratings ............................................................................ 32
Table 15 : Recommended operating conditions ............................................................. 33
Table 16 : GPIO pin characteristics ................................................................................ 34
Table 17 : General RF characteristics............................................................................. 34
Table 18 : RF Transmitter performance characteristics ................................................. 35
Table 19 : System power consumption .......................................................................... 36
Table 20 : PCB layer stack-up ....................................................................................... 38
Table 21 : IN100 marking description ............................................................................. 46
Table 22 : Ordering information .................................................................................... 47
Table 23 : Size for reel inner box and outer box.............................................................. 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com