Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-D1-R-RC1F Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # IN100-D1-R-RC1F
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-D1-R-RC1F Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button IN100-D1-R-RC1F Datasheet HTML 14Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 15Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 16Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 17Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 18Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 19Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 20Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 21Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
17 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
(a) Mode 0
(b) Mode 1
Figure 5 : Trigger modes
The trigger of the events can be one of the following conditions:
Table 4 : Trigger condition description
Condition
index
Condition
Description
0
Battery too
low
The battery level measured through the internal ADC is lower
than a threshold provided in region 1 of the eFuse memory or
SRAM.
1
Temperature
too high
The temperature level measured through the internal ADC is
higher than a threshold provided in region 1 of the eFuse
memory or SRAM.
2
Temperature
too low
The temperature level measured through the internal ADC is
lower than a threshold provided in region 1 of the eFuse
memory or SRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com