Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7621 Datasheet(PDF) 3 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M7621
Description  PIR CONTROLLER FOR DC/AC APPLICATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M7621 Datasheet(HTML) 3 Page - MOSDESIGN SEMICONDUCTOR CORP

  M7621 Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 3Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 4Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 5Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 6Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 7Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
2016-09-12
PIR CONTROLLER
FOR DC/AC APPLICATIONS
PIR CONTROLLER
M7621
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
PIN DESCRIPTION
Pin No.
Name
I/O
Description
1
TEST
I
Reserved test mode, connect to VSS
2
TTEST
I
Reserved test mode, connect to VSS
3
RETRIG
I
Retrigger mode select input.
VDD or floating:As long as movement is detected within the on-time, the light will remain on.
VSS:The light will first switch off, before it can be switched on again.
4
PIRIN
I
PIR sensor input
5
VSS
Ground
6
RELAY
O
Relay output pin
7
PWM
O
Light output (PWM), external transistor
8
VDD
─
Digital VDD
9
BRIGHT
I
Brightness adjustment.
Sets the maximum brightness of the light connected to the PWM output. The brightness levels are
divided into 15 steps. Maximum brightness occurs at a pin voltage of 15/64*VDD.
10
FADE
I
Fade time adjustment。Sets the time it takes to switch the light on or off (soft dimming). Refer to
Table1
11
SENS
I
Sensitivity threshold adjustment。Sets the sensitivity threshold required to generate a trigger condition.
Refer to Table1
12
ON-TIME
I
Light on-time adjustment. Refer to Table1
13
TCOMP
I
Temperature compensation input, A temperature dependent resistor network may be connected to this
pin to generate voltages between VDD*16/128 and VDD*31/128. The voltage on this pin must
decrease as the temperature increases. At 37°C, the voltage should be between VDD*19/128 and
VDD*20/128. Internally. Refer to Table2.
TCOMP input may be connected to VSS if the application does not require a temperature
compensation function.
14
CDS
I
Connect to the CDS voltage divider for daytime/night auto detecting
VDD:Enable switching of the light
VSS:Disable switching of the light
15
SWIN
I
ON-AUTO-OFF select input
VDD:light permanently ON
VSS:light permanently OFF
Floating:PIR sensor mode (AUTO)
16
VDDA
─
PIR VDD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com