Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7621 Datasheet(PDF) 4 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M7621
Description  PIR CONTROLLER FOR DC/AC APPLICATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M7621 Datasheet(HTML) 4 Page - MOSDESIGN SEMICONDUCTOR CORP

  M7621 Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 3Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 4Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 5Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 6Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 7Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
2016-09-12
PIR CONTROLLER
FOR DC/AC APPLICATIONS
PIR CONTROLLER
M7621
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
FUNCTION DESCRIPTION
Power-up Mode
After the device powers on it first enters a warm-up period. The light is switched on for the selected on-time duration. The CDS
input is ignored on power-up, to allow the user to verify the installation during daylight conditions.
Trigger Condition
The SENS threshold (refer to Table 1) is multiplied with the TCOMP factor (refer to Table 2), to obtain a temperature dependent
threshold. When the filtered PIR signal exceeds this threshold, a trigger condition occurs.
Conditions for Switching the Light ON
If a trigger condition occurs and the CDS input is high, the light will be switched on.
The light’s brightness will increase to the selected brightness within the selected fade time.
The RELAY output is activated at the start of the fading on cycle.
The light and the relay will remain on for the duration set by the ON-TIME input.
Conditions for Switching the Light OFF
The light is switched off softly after the selected on-time has elapsed, or if the CDS input senses a low voltage. The light’s
brightness will reduce to zero within the selected fade time. The RELAY output is switched off at the start of the fading-off cycle.
Pin voltage
On time
Fade time
SENS Distance
(13/32) xVDD ≤Vin<(15/32) xVDD
38.4 min
4.0 sec
(11/32) xVDD ≤Vin<(13/32) xVDD
19.2 min
3.5 sec
(9/3)2 xVDD ≤Vin<(11/32) xVDD
9.6 min
3.0 sec
(7/32) xVDD ≤Vin<(9/32) xVDD
4.8 min
2.5 sec
(5/32) xVDD ≤Vin<(7/32) xVDD
2.4 min
2.0 sec
(3/32) xVDD ≤Vin<(5/32) xVDD
72 sec
1.5 sec
(1/32) xVDD ≤Vin<(3/32) xVDD
36 sec
1.0 sec
0 ≤Vin<(1/32) xVDD
9 sec
0.5 sec
Near distance
Long distance
Table 1:On-time and Fade-time
Table 2:Temperature compensation factor
Note:At 37°C, the voltage should be between VDD*19/128 and VDD*20/128.
Pin voltage
TCOMP factor
Pin voltage
TCOMP factor
< (16/128) xVDD
7/8
(24/128) xVDD
8/8
(17/12)8 xVDD
6/8
(25/128) xVDD
9/8
(18/128) xVDD
5/8
(26/128) xVDD
10/8
(19/128) xVDD
4/8
(27/128) xVDD
11/8
(20/128) xVDD
4/8
(28/128) xVDD
12/8
(21/128) xVDD
5/8
(29/128) xVDD
13/8
(22/128) xVDD
6/8
(30/128) xVDD
14/8
(23/128) xVDD
7/8
> (31/128) xVDD
15/8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com