Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7621 Datasheet(PDF) 6 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M7621
Description  PIR CONTROLLER FOR DC/AC APPLICATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M7621 Datasheet(HTML) 6 Page - MOSDESIGN SEMICONDUCTOR CORP

  M7621 Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 3Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 4Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 5Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 6Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 7Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6/7
2016-09-12
PIR CONTROLLER
FOR DC/AC APPLICATIONS
PIR CONTROLLER
M7621
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
APPLICATION CIRCUIT
AC Application Circuit
DC Application Circuit
* All specs and applications shown above subject to change without prior notice.
R8
47K
684/275V
100R/1W
M7621
TEST
TTEST
RETRIG
PIRIN
PWM
RELAY
VSS
VDDA
SWIN
CDS
TCOMP
BRIGHT
FADE
SENS
ON_TIME
CDS
VDD
(L)
(N)
1
16
8
9
PIR
D
S
G
RELAY
HT7144
100uF/50V
C3
Z1
R6
1K
Q1
8050
0.1uF
C5
C4
22uF/25V
Lamp
R2
VR1
VR2
R1
R3
NTC
R4
R5
VR3
12V
DB1048
C6
R7
68K
22K
22K
20K
22K
180K
22K
22K
IN4148
D1
B1
LDO
470nF
C1
NTC : 47KΩ, β = 4500
It is desirable to increase the sensitivity of a sensor unit around 37ºC.
1M
RETRIG = VDD:Retrigger
= VSS:Non-Retrigger
470nF
47K
M7621
TEST
TTEST
RETRIG
PIRIN
PWM
RELAY
VSS
VDDA
SWIN
CDS
TCOMP
BRIGHT
FADE
SENS
ON_TIME
CDS
VDD
1
16
8
9
PIR
D
S
G
RELAY
HT7144
10uF
R6
1K
Q1
8050
0.1uF
C5
C4
10uF
C1
R2
VR1
VR2
R1
R3
NTC
R4
R5
VR3
68K
47K
47K
20K
47K
180K
22K
22K
IN4148
D1
LDO
VR3
47K
VR4
47K
R8
1K
Q2
8050
C3
9V/12V
D2
SN4007
NTC : 47KΩ, β = 4500
It is desirable to increase the sensitivity of a sensor unit around 37ºC.
RETRIG = VDD:Retrigger
= VSS:Non-Retrigger



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com