Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7621 Datasheet(PDF) 5 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M7621
Description  PIR CONTROLLER FOR DC/AC APPLICATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M7621 Datasheet(HTML) 5 Page - MOSDESIGN SEMICONDUCTOR CORP

  M7621 Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 3Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 4Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 5Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 6Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 7Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
2016-09-12
PIR CONTROLLER
FOR DC/AC APPLICATIONS
PIR CONTROLLER
M7621
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
ABSOLUTE MAXIMUM RATING
(TA = 25℃)
Parameter
Sym.
Min.
Max.
Unit
Remarks
Supply Voltage
VDD
-0.3
5
V
Current On Any Pin
-100
100
mA
Operating Temperature
-25
70
℃
Storage temperature
Tst
-45
125
℃
ELECTRICAL CHARACTERISTICS
(TA=25℃ , VDD=4.4V)
Characteristics
Sym.
Min.
Typ.
Max.
Unit
Conditions
Operating Voltage
Supply voltage
VDD
3.3
4.4
5.0
V
Supply current
IDD
─
─
200
μA
VDD=4.4V (outputs unloaded)
Oscillator and Filter
LPF cutoff frequency
─
5
─
Hz
HPF cutoff frequency
─
0.3
─
Hz
Clock frequency
FCLK
─
64
─
KHz
Analog Inputs
Input leakage current
(ON-TIME、SENS、FADE、BRIGHT、TCOMP)
-1
─
1
μA
PIRIN resistance to VSS
─
70
─
KΩ
PIRIN input AC voltage
─
─
50
mV
Peak-to-Peak
PIRIN input DC voltage
0.2
─
1.5
V
Digital Inputs, Schmitt Triggers ( TEST、TTEST、RETRIG、CDS )
Input low voltage
VIL
80
─
─
%VDD
Input high voltage
VIH
─
─
20
%VDD
Pull down current on TEST, TTEST
─
140
─
μA
input to VDD
Pull up current on RETRIG
─
70
─
μA
input to VSS
Leakage current on CDS
─
─
±1
μA
input to VSS or VDD
Digital Outputs ( PWM、RELAY )
PWM Output low voltage
VOL
─
─
10
%VDD ISOURCE = 5mA
PWM Output high voltage
VOH
90
─
─
%VDD ISINK = 2mA
Relay Source Current
IRS
—
—
10
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com