Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7621 Datasheet(PDF) 1 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M7621
Description  PIR CONTROLLER FOR DC/AC APPLICATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M7621 Datasheet(HTML) 1 Page - MOSDESIGN SEMICONDUCTOR CORP

  M7621 Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 3Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 4Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 5Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 6Page - MOSDESIGN SEMICONDUCTOR CORP M7621 Datasheet HTML 7Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
2016-09-12
PIR CONTROLLER
FOR DC/AC APPLICATIONS
PIR CONTROLLER
M7621
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
DESCRIPTION
The M7621 integrated circuit combines all required functions for a single chip Passive Infra Red (PIR) light controller. It is
designed for load switching with a transistor or a relay in 3 wire AC and DC systems.
A conventional PIR sensor connects directly to the PIR input. The pull-down resistor and DC decoupling circuitry are integrated on
chip.
The PIR signal is converted to a 15 bit digital value. External potentiometers or resistors are used to set the operating parameters
for sensitivity, on-time, brightness, fade, CDS sensor and environment temperature correction. The corresponding voltage levels
are converted to digital values with a 4 bit resolution all signal processing is performed digitally.
FEATURES
‧ Digital signal processing
‧ Temperature compensation input
‧ Adjustment brightness.
‧ Adjustable PIR sensitivity
‧ Adjustable output turn-on time
‧ Retrigger / Non-retrigger function
‧ Dimmer function
‧ PWM output
‧ RELAY output
‧ SOP-16 package
APPLICATIONS
‧ PIR light controller, Motion Detector, Alarm system, Auto-door bell
PIN ASSIGMENT
M7621
TEST
TTEST
RETRIG
PIRIN
PWM
RELAY
VSS
VDDA
SWIN
CDS
TCOMP
BRIGHT
SENS
ON_TIME
VDD
FADE
1
16
8
9


Similar Part No. - M7621

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M7620 MOSDESIGN-M7620 Datasheet
296Kb / 6P
PIR CONTROLLER FOR DC/AC APPLICATIONS
2016-09-09
logo
Hamamatsu Corporation
M7628 HAMAMATSU-M7628 Datasheet
90Kb / 4P
DEUTERIUM LAMP RELATED PRODUCTS
More results

Similar Description - M7621

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
PIR CONTROLLER
M2000C ETC1-M2000C Datasheet
202Kb / 5P
PIR Light Controller for 3-Wire Applications
M7616 ETC2-M7616 Datasheet
179Kb / 4P
DC PIR CONTROLLER
M7612 ETC2-M7612 Datasheet
140Kb / 9P
PIR CONTROLLER
logo
Silvan Chip Electronics...
BISS0001 SILVAN-BISS0001 Datasheet
168Kb / 2P
PIR CONTROLLER
CS9803 SILVAN-CS9803 Datasheet
170Kb / 3P
PIR CONTROLLER
LP0001 SILVAN-LP0001 Datasheet
85Kb / 2P
PIR CONTROLLER
LP8072C SILVAN-LP8072C Datasheet
114Kb / 3P
PIR CONTROLLER
logo
MOSDESIGN SEMICONDUCTOR...
M7620 MOSDESIGN-M7620 Datasheet
296Kb / 6P
PIR CONTROLLER FOR DC/AC APPLICATIONS
2016-09-09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com