Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VJSEC Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VJSEC
Description  Surface Mount Multilayer Ceramic Capacitors for Pulse Current Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJSEC Datasheet(HTML) 4 Page - Vishay Siliconix

  VJSEC Datasheet HTML 1Page - Vishay Siliconix VJSEC Datasheet HTML 2Page - Vishay Siliconix VJSEC Datasheet HTML 3Page - Vishay Siliconix VJSEC Datasheet HTML 4Page - Vishay Siliconix VJSEC Datasheet HTML 5Page - Vishay Siliconix VJSEC Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VJ Source Energy Capacitor (SEC)
www.vishay.com
Vishay Vitramon
Revision: 25-May-2018
4
Document Number: 45210
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL PARAMETERS
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
250
500
750
1000
1250
1500
APPLIED VOLTAGE (V
DC)
VOLTAGE COEFFICIENT OF CAPACITANCE
3640, 180 nF, 1500 V
4044, 330 nF, 1500 V
-20
-15
-10
-5
0
5
10
15
20
-75 -55 -35 -15
5
25
45
65
85 105 125
TEMPERATURE (
°C)
TEMPERATURE COEFFICIENT OF CAPACITANCE
3640, 180 nF, 1500 V
X7R: ± 15 % from -55 °C to 125 °C
TCC also meets X5P
± 10 % from
-55 °C to +85 °C
4044, 330 nF, 1500 V
DISCHARGE PULSE OF 330 nF, 4044 SEC
0
500
1000
1500
2000
2500
600
800
1000
1200
1400
CHARGE VOLTAGE (V
DC)
DISCHARGE CURRENT VS. CHARGE VOLTAGE
4044, 330 nF, 1500 V
3040, 120 nF, 1500 V
2225, 100 nF, 1000 V
1825, 56 nF, 1000 V
1812, 27 nF, 1000 V
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
-55
-35
-15
5
25
45
65
85
TEMPERATURE (
°C)
DISSIPATION FACTOR VS. TEMPERATURE
3640
4044
0
10
20
30
40
50
60
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
CURRENT (A)
TEMPERATURE VS. RIPPLE CURRENT
1825, 27 nF, 1000 V tested at 240 kHz
1825, 56 nF, 1000 V tested at 120 kHz
2225, 100 nF, 1000 V tested at 60 kHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com