Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VJSEC Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VJSEC
Description  Surface Mount Multilayer Ceramic Capacitors for Pulse Current Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJSEC Datasheet(HTML) 5 Page - Vishay Siliconix

  VJSEC Datasheet HTML 1Page - Vishay Siliconix VJSEC Datasheet HTML 2Page - Vishay Siliconix VJSEC Datasheet HTML 3Page - Vishay Siliconix VJSEC Datasheet HTML 4Page - Vishay Siliconix VJSEC Datasheet HTML 5Page - Vishay Siliconix VJSEC Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
VJ Source Energy Capacitor (SEC)
www.vishay.com
Vishay Vitramon
Revision: 25-May-2018
5
Document Number: 45210
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Reference: EIA standard RS 481 - “Taping of Surface Mount Components for Automatic Placement”
•n/a = not available
STANDARD PACKAGING QUANTITIES
CASE CODE
TAPE SIZE
7" REEL QUANTITIES
PLASTIC TAPE
PACKAGING CODE “T”
LOW QUANTITY
PACKAGING CODE “J”
1812
12 mm
1000
500
1825
12 mm
1000
500
2225
12 mm
500
250
3040
16 mm
500
n/a
3640
16 mm
350
n/a
4044
24 mm
300
n/a
STORAGE AND HANDLING CONDITIONS
(1) Store the components at 5 °C to 40 °C ambient temperature and
 70 % relative humidity conditions.
(2) The product is recommended to be used within a time-frame of 2 years after shipment.
Check solderability in case extended shelf life beyond the expiry date is needed.
Precautions:
a. Do not store products in an environment containing corrosive elements, especially where chloride gas, sulfide gas, acid, alkali, salt or
the like are present. This may cause corrosion or oxidization of the terminations, which can easily lead to poor soldering.
b. Store products on the shelf and avoid exposure to moisture or dust.
c. Do not expose products to excessive shock, vibration, direct sunlight and so on.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com