Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VJSEC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VJSEC
Description  Surface Mount Multilayer Ceramic Capacitors for Pulse Current Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJSEC Datasheet(HTML) 1 Page - Vishay Siliconix

  VJSEC Datasheet HTML 1Page - Vishay Siliconix VJSEC Datasheet HTML 2Page - Vishay Siliconix VJSEC Datasheet HTML 3Page - Vishay Siliconix VJSEC Datasheet HTML 4Page - Vishay Siliconix VJSEC Datasheet HTML 5Page - Vishay Siliconix VJSEC Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VJ Source Energy Capacitor (SEC)
www.vishay.com
Vishay Vitramon
Revision: 25-May-2018
1
Document Number: 45210
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Multilayer Ceramic Capacitors
for Pulse Current Applications
FEATURES
• Low electrostrictive ceramic formulation for
repeated charge and discharge cycles
• High pulse discharge currents
• Excellent reliability and high voltage performance
• Available with tin / lead barrier termination (code “L”)
• Wet built process
• Reliable Noble Metal Electrode (NME) system
• Made with a combination of design, materials and tight
process control to achieve very high field reliability
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
APPLICATIONS
• Power supplies
• Converters
• Voltage multipliers
ELECTRICAL SPECIFICATIONS
Note
• Electrical characteristics at +25 °C unless otherwise specified
Operating Temperature: -55 °C to +125 °C
Capacitance Range: 4.7 nF to 560 nF
Voltage Range: 1000 VDC, 1500 VDC
Temperature Coefficient of Capacitance (TCC):
X7R: ± 15 % from -55 °C to +125 °C, with 0 VDC applied
Dissipation Factor (DF):
2.5 % max. at 1.0 VRMS and 1 kHz
Aging Rate: 1 % maximum per decade
Insulation Resistance (IR):
at +25 °C and rated voltage: 100 000 M
 minimum or
1000
F, whichever is less
at +125 °C and rated voltage: 10 000 M
 minimum or
100
F, whichever is less
Dielectric Strength Test:
performed per method 103 of EIA 198-2-E.
Applied test voltages:
1000 VDC / 1500 VDC-rated: min. 120 % of rated voltage
Available
Available


Similar Part No. - VJSEC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJSAFETYCERTCAPS VISHAY-VJSAFETYCERTCAPS Datasheet
111Kb / 7P
Surface Mount Multilayer Ceramic Chip Capacitors for Safety Certified Applications
26-Jan-2022
logo
Switchcraft, Inc.
VJSD75TZ SWITCH-VJSD75TZ Datasheet
585Kb / 2P
Video Patchbay Series
VJSDNTZ SWITCH-VJSDNTZ Datasheet
585Kb / 2P
Video Patchbay Series
logo
IC-Haus GmbH
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
LASER DIODE CONTROLLER
More results

Similar Description - VJSEC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ3640 VISHAY-VJ3640 Datasheet
173Kb / 6P
Surface Mount Multilayer Ceramic Chip Capacitors with Integrated Resistor for High Pulse Current Applications
08-Mar-12
VJ0402A1R2BXACW1BC VISHAY-VJ0402A1R2BXACW1BC Datasheet
199Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
27-Mar-13
VJ0603A101KXXCW1BC VISHAY-VJ0603A101KXXCW1BC Datasheet
199Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
27-Mar-13
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
15-May-12
VJ0805Y472MXXCW1BC VISHAY-VJ0805Y472MXXCW1BC Datasheet
199Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
27-Mar-13
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
06-May-13
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
15-May-12
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
23-Sep-09
GA31G VISHAY-GA31G Datasheet
176Kb / 20P
Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
09-Nov-2022
VJCOMMERCIALSERIES VISHAY-VJCOMMERCIALSERIES Datasheet
161Kb / 16P
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
25-Mar-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com