Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VJSEC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VJSEC
Description  Surface Mount Multilayer Ceramic Capacitors for Pulse Current Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJSEC Datasheet(HTML) 2 Page - Vishay Siliconix

  VJSEC Datasheet HTML 1Page - Vishay Siliconix VJSEC Datasheet HTML 2Page - Vishay Siliconix VJSEC Datasheet HTML 3Page - Vishay Siliconix VJSEC Datasheet HTML 4Page - Vishay Siliconix VJSEC Datasheet HTML 5Page - Vishay Siliconix VJSEC Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VJ Source Energy Capacitor (SEC)
www.vishay.com
Vishay Vitramon
Revision: 25-May-2018
2
Document Number: 45210
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thickness used for 3640 - 1500 V - 220 nF and 270 nF
Note
• Detail ratings see “Selection Chart”
Notes
(1) DC voltage rating should not be exceeded in application.
(2) Process code with 2 digits has to be added.
(3) All types of packaging may not be available for all case sizes, see table end of this datasheet.
DIMENSIONS in inches [millimeters]
CASE CODE
PART
ORDERING
NUMBER
LENGTH
(L)
WIDTH
(W)
MAXIMUM THICKNESS
(T)
TERMINATION
(P)
MINIMUM
MAXIMUM
1812
VJ1812
0.177 ± 0.012
[4.50 ± 0.30]
0.126 ± 0.008
[3.20 ± 0.20]
0.086
[2.18]
0.010
[0.25]
0.035
[0.90]
1825
VJ1825
0.177 ± 0.012
[4.50 ± 0.30]
0.252 ± 0.010
[6.40 ± 0.25]
0.086
[2.18]
0.010
[0.25]
0.035
[0.90]
2225
VJ2225
0.220 ± 0.010
[5.59 ± 0.25]
0.250 ± 0.010
[6.35 ± 0.25]
0.086
[2.18]
0.010
[0.25]
0.037
[0.95]
3040
VJ3040
0.300 ± 0.015
[7.62 ± 0.38]
0.400 ± 0.015
[10.20 ± 0.38]
0.100
[2.54]
0.010
[0.25]
0.039
[1.00]
3640
VJ3640
0.360 ± 0.015
[9.14 ± 0.38]
0.400 ± 0.015
[10.20 ± 0.38]
0.120
[3.05]
0.130 (1)
[3.30]
0.010
[0.25]
0.039
[1.00]
4044
VJ4044
0.400 ± 0.015
[10.16 ± 0.38]
0.440 ± 0.015
[11.17 ± 0.38]
0.120
[3.05]
0.020
[0.50]
0.040
[1.00]
QUICK REFERENCE DATA
DIELECTRIC
CASE
MAXIMUM VOLTAGE
(V)
CAPACITANCE
MINIMUM
MAXIMUM
X7R (X5P)
1812
1500
4.7 nF
27 nF
1825
1500
10 nF
56 nF
2225
1500
18 nF
100 nF
3040
1500
33 nF
220 nF
3640
1500
47 nF
330 nF
4044
1500
100 nF
560 nF
ORDERING INFORMATION
VJ3640
Y
184
K
X
R
A
T
SE
CASE
CODE
DIELECTRIC
CAPACITANCE
NOMINAL CODE
CAPACITANCE
TOLERANCE
TERMINATION DC VOLTAGE
RATING (1)
MARKING
PACKAGING (3) PROCESS
CODE (2)
1812
1825
2225
3040
3640
4044
Y = X7R
Expressed in
picofarads (pF).
The first two digits
are significant,
the third is a
multiplier.
Examples:
184 = 180 000 pF
J = ± 5 %
K = ± 10 %
M = ± 20 %
X = Ni barrier
100 % tin
matte plated
L = Ni barrier
with tin lead
plated finish
min. 4 % lead
G = 1000 V
R = 1500 V
A = unmarked
T = 7" reel /
plastic tape
J = 7" reel /
plastic tape
(low quantity)
L
W
P
T
MAX.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com