Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VJSEC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VJSEC
Description  Surface Mount Multilayer Ceramic Capacitors for Pulse Current Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJSEC Datasheet(HTML) 3 Page - Vishay Siliconix

  VJSEC Datasheet HTML 1Page - Vishay Siliconix VJSEC Datasheet HTML 2Page - Vishay Siliconix VJSEC Datasheet HTML 3Page - Vishay Siliconix VJSEC Datasheet HTML 4Page - Vishay Siliconix VJSEC Datasheet HTML 5Page - Vishay Siliconix VJSEC Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VJ Source Energy Capacitor (SEC)
www.vishay.com
Vishay Vitramon
Revision: 25-May-2018
3
Document Number: 45210
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
RoHS-compliant except when supplied with lead (Pb)-containing termination, code “L”
• Plastic tape
(1) See soldering recommendations within this data book, or visit www.vishay.com/doc?45034
SELECTION CHART
DIELECTRIC
X7R
STYLE
VJ1812 (1)
VJ1825 (1)
VJ2225 (1)
VJ3040 (1)
VJ3640 (1)
VJ4044 (1)
CASE CODE
1812
1825
2225
3040
3640
4044
VOLTAGE (VDC)
1000
1500
1000
1500
1000
1500
1000
1500
1000
1500
1000
1500
VOLTAGE CODE
GR
G
R
G
R
GR
GR
G
R
CAP. CODE
CAP.
332
3.3 nF
392
3.9 nF
472
4.7 nF
•
562
5.6 nF
•
682
6.8 nF
•
•
822
8.2 nF
•
•
103
10 nF
•
•
•
123
12 nF
•
•
•
153
15 nF
•
•
•
•
183
18 nF
•
•
•
•
•
223
22 nF
•
•
•
•
273
27 nF
•
•
•
•
•
333
33 nF
•
•
•
•
•
393
39 nF
•
•
•
•
•
473
47 nF
•
•
•
•
•
563
56 nF
•
•
•
•
•
•
683
68 nF
•
•
•
•
•
823
82 nF
•
•
•
•
104
100 nF
•
•
•
•
•
•
124
120 nF
•
•
•
•
•
154
150 nF
•
•
•
•
•
184
180 nF
•
•
•
•
•
224
220 nF
•
•
•
•
•
274
270 nF
•
•
•
•
334
330 nF
•
•
•
394
390 nF
•
474
470 nF
•
564
560 nF
•
684
680 nF
824
820 nF
105
1000 nF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com