Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32433AEVB Datasheet(PDF) 11 Page - Vishay Siliconix

Part # SIP32433AEVB
Description  3.5 A, 78 m, 2.8 V to 23 V True Reverse Current Blocking eFuse With Programmable Current Limit and OVP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32433AEVB Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SIP32433AEVB Datasheet HTML 7Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 8Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 9Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 10Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 11Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 12Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 13Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 14Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
SIP32433
www.vishay.com
Vishay Siliconix
E22-0335. A, 15-Aug-2022
11
Document Number: 63175
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 32 - True Reverse Current Blocking
VIN = 12 V, VOUT Raised Up to 13.5 V
OVERVIEW
The SIP32433A and SIP32433B are eFuses with comprehensive integrated control features that simplify the design and
increase the reliability of the circuitry connected to the switch.
The 32 m
 switches are designed to operate in the 2.8 V to 23 V range. An internally generated gate drive voltage ensures good
RON linearity over the input voltage operating range.
The devices start their operation by checking the VIN, VOUT, OVP, and EN / UVLO pins. When the voltages are in the ranges
without exceeding under- or over-voltage protection thresholds, the PGD open drain switch is off. A high level on the EN / UVLO
pin enables the internal MOSFET to start conducting and allows current to flow from IN to OUT. When EN / UVLO is held low,
the internal MOSFET is turned off.
After a successful turn-on sequence, the device now actively monitors its load current, input voltage, and protects the load from
harmful over-current, and over-voltage conditions. A built-in thermal sense circuit will detect junction over temperature and shut
down the switch for safety.
SWITCH ON / OFF, AND UNDER-VOLTAGE LOCK OFF PROTECTION - UVLO
EN / UVLO pin controls the on / off of the power switch. When EN / UVLO is at a logic high the switch is on. When EN / UVLO
is at a logic low, the switch is off.
The SIP32433A and SIP32433B implement under-voltage protection on the EN / UVLO to turn off the output. It is a user-defined
under-voltage protection setting to flexibly select the proper minimum applied voltage for the downstream load or the device’s
proper operation.
The diagram shows how a resistor divider from supply to GND can be used to set the UVLO set point for a given voltage supply
level.
Fig. 33
10 μs/div
V
OUT (5 V/div)
V
IN (5 V/div)
I
IN (0.5 A/div)
IN
GND
EN /
UVLO
R
EN1
R
EN2
Power
source
SIP32433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com