Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32433AEVB Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SIP32433AEVB
Description  3.5 A, 78 m, 2.8 V to 23 V True Reverse Current Blocking eFuse With Programmable Current Limit and OVP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32433AEVB Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SIP32433AEVB Datasheet HTML 9Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 10Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 11Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 12Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 13Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 14Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 15Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 16Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
SIP32433
www.vishay.com
Vishay Siliconix
E22-0335. A, 15-Aug-2022
13
Document Number: 63175
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 36 - Over-Voltage Protection
INRUSH CURRENT, AND OVER-CURRENT PROTECTION
The SIP32433A and SIP32433B incorporate two protections against over-current:
• Adjustable slew rate (SR) for inrush current control
• Adjustable over-current protection / active current limit to protect against overload conditions
The over-current protection (OCP) is active also during soft start. The over-current protection circuit controls the switch
impedance to limit the current to the level programmed by the RSET resistor.
If the over-current condition persists for more than 6 ms (typ.), the switch shuts off and alert the drain FLG is asserted, pulling
the pin to GND.
VOUT
EN/UVLO
VIN
OVP Th reshold
OVP
Over Voltage
Over Voltage
Protection
Over Voltage
Protection
VSS
VIN
Turn-on delay
ISW
ON fr om OVP
Removal
OVP
PG
5V
VIN = 9 x Vss
at VIN ri sing
Vss rises
till 5V
tOVP
150ns/typ
OVP lag delay, < 2 us
COUT vo ltage drops
decreases per load discharge
PGD is pulled through a re sistor
to an ext ernal voltage source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com