Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32433AEVB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP32433AEVB
Description  3.5 A, 78 m, 2.8 V to 23 V True Reverse Current Blocking eFuse With Programmable Current Limit and OVP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32433AEVB Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP32433AEVB Datasheet HTML 1Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 2Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 3Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 4Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 5Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 6Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 7Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 8Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SIP32433
www.vishay.com
Vishay Siliconix
E22-0335. A, 15-Aug-2022
3
Document Number: 63175
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS UNLESS SPECIFIED
VIN = 12 V, TJ = -40 °C to +125 °C,
VEN(H) = 2.4 V, COUT = 0.1 μF, RLIM = 4.1 k
LIMITS
UNIT
MIN.
TYP.
MAX.
Power Supply
Power input voltage
VIN
Operating input voltage range
2.8
-
28
V
Quiescent current
IQ(ON)
EN = 1.8 V, VIN = 2.8 V to 28 V, VOUT open
-
250
340
μA
Shutdown current
IQ(SD)
VIN = 2.8 V to 28 V, EN = 0 V, TA = 25 °C
-
0.6
5
OVP switch-off current
IQ(OVP)
VIN = 2.8 V to 28 V, EN = 2.4 V, OVP = 1.4 V
-
1
-
VIN ULVO
Switch VOUT leakage
IUVLO_OUT
-100
-
+100
nA
Switch VIN leakage
IUVLO_IN
--
5
μA
Overvoltage Protection
OVP threshold
VOVP
VIN = 12 V, OVP rising
1.14
1.2
1.26
V
OVP hysteresis
OVPHST
60
105
140
mV
OVP leakage
IOVP
VOVP = 1.2 V on the pin, TA = 25 °C
-
40
100
nA
IN pin internal fixed OVP
INOVP
TA = 25 °C
23
24
25.6
V
EN / UVLO
EN on threshold
VUVPR
VEN rising
-
1.25
-
V
EN off threshold
VUVPF
VEN falling
-
1.05
-
EN / UVLO leakage
VEN = 1.2 V
-0.25
-
+0.25
μA
Overcurrent Protection
Current limit voltage threshold
VOCP
Voltage that triggers the OCP
shown on ILIM pin
-0.6
-
V
Current limit accuracy
IOCP
VIN - VOUT = 1 V, RSET = 4.1 k
1.39
1.5
1.6
A
3.32
3.5
3.68
Current limit setting range
Minimum RSET = 1.77 k
0.25
-
3.5
Current limit hold-up time
tILIM
Current limiting timeout, if no OTP
4
6
8
ms
Power Switch
On resistance
RDS(ON)
VIN = 3 V to 22 V, IOUT = 1 A, TJ = 25 °C
-
78
100
m
VIN = 3 V to 22 V, IOUT = 1 A, TJ = 85 °C
-
-
130
Output leakage at switch off
VIN = 28 V, VEN = 0 V, VOUT = 0 V, sourcing
-
-
5
A
PGD, Power Good
PGD pull-down resistance
RPG
VIN = 5 V, output pin = 0.1 V
-
5.2
10
PGD oll leakage
IPG
Biased with 5 VDC
-0.01
1
μA
Switching Characteristics
EN / UVLO
Switch turn-on delay time
TON_DLY
From EN / UVLO voltage, VUVPR to VOUT
reaches 10 % VIN, RL = 10, CL = 10 μF,
CSS open
-
190
-
μs
Shutdown delay
TOFF_DLY
From EN / UVLO low to VOUT = 0.9 x VIN,
RL = 10 , CL = 10 μF, CSS open
-10
-
OVP Timing
OVP off time
tOVP
RL = 100 , CL = 0 μF, OVP steps from 1 V to
1.4 V; measured from OVP pin voltage
crossing 1.2 V threshold to VOUT = 0.9 x VIN
-0.3
1
μs
Internal OVP off time
tOVP_INT
RL = 100 , CL = 0 μF, VIN steps from 22 V to
26 V; measured from VIN pin voltage crossing
24 V threshold to VOUT = 0.9 x VIN
-1.5
-
Flag reporting delay
PGD pull up to 5 V through a 100 k
;
delay time from OVP pin voltage step
to PGD is below 0.5 V
--
2
Overcurrent protection
Moderate overcurrent protection
tOCP
Load current is 120 %
of current limit threshold
-1.1
-
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com