Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32433AEVB Datasheet(PDF) 12 Page - Vishay Siliconix

Part # SIP32433AEVB
Description  3.5 A, 78 m, 2.8 V to 23 V True Reverse Current Blocking eFuse With Programmable Current Limit and OVP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32433AEVB Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button SIP32433AEVB Datasheet HTML 8Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 9Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 10Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 11Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 12Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 13Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 14Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 15Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 16Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
SIP32433
www.vishay.com
Vishay Siliconix
E22-0335. A, 15-Aug-2022
12
Document Number: 63175
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
The resistors must be sized large enough to minimize the constant leakage from supply to ground through the resistor divider
network. At the same time, keep the current through the resistor network sufficiently larger than the leakage current on the EN
/ UVLO pin to minimize the error in the resistor divider ratio.
Where VUVPR is 1.25 V.
UVLO turn off delay (TOFF_DLY) is typically 550 μs and turn on delay TON_DLY is typically 500 μs.
Fig. 34 - Switching Times
OVER-VOLTAGE PROTECTION (OVP)
The SIP32433A and SIP32433B implement overvoltage protection (OVP) on both the VIN and OVP pins to protect the output
load in the event of an input over-voltage. When the input exceeds the over-voltage protection thresholds VOVP(R) or the INOVP,
which is typically 24 V, the device turns off the output within tOVP, while the PGD asserts in the meantime. As long as an
over-voltage condition is present on the input, the device stays disabled and the output will be turned off. Over-voltage is a
non-latchable fault. Once the input voltage returns to the normal operating range, the device attempts to start up normally.
Fig. 35
OVP voltage divider resistors total resistance should not be over 2.5 M
.
R
EN1 =
R
EN2 VIN - VUVPR

V
UVPR
---------------------------------------------------
VIN
VOUT
VUVPR
EN/UVLO
TON
VUVPF
TR
TON_DLY
TF
10 %
90 %
TOFF_DLY
IN
GND
OVP
R
OVP1
R
OVP2
Power
source
SIP32433
R
OVP1
R
OVP2
---------------- =
V
IN(OVP) - 1.2 V
1.2 V
----------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com