Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32433AEVB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP32433AEVB
Description  3.5 A, 78 m, 2.8 V to 23 V True Reverse Current Blocking eFuse With Programmable Current Limit and OVP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32433AEVB Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP32433AEVB Datasheet HTML 1Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 2Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 3Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 4Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 5Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 6Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 7Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 8Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SIP32433
www.vishay.com
Vishay Siliconix
E22-0335. A, 15-Aug-2022
1
Document Number: 63175
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
3.5 A, 78 m
, 2.8 V to 23 V True Reverse Current Blocking eFuse
With Programmable Current Limit and OVP
OPERATION DESCRIPTION
The SIP32433A and SIP32433B are single-channel eFuses
that integrate multiple control and protection features,
which provide increased controllability and reliability, with
simplified designs and minimal external components.
The SIP32433A and SIP32433B protect both power sources
and downstream circuitry connected to the switch from
overloads, short circuits, voltage surges, and excessive
inrush currents.
The output current limit can be set by a single external
resistor. VIN overvoltage protection and undervoltage
lockout threshold levels can be set with an external resistor
network. VIN inrush current requirements can be set with a
single external soft start capacitor.
Upon switch-off due to latchable faults, the SIP32433A will
latch the power switch off and the PGD will remain low. The
switch can restart by resetting the EN or VIN. The SIP32433B
will auto retry if there is no OTP or OVP fault. The retry delay
time is 32 times the soft start time set by the CSS.
The switch is characterized for operation over a junction
temperature range of -40 °C to +125 °C.
APPLICATIONS
•Industrial
• IoT and smart home
• Medical and healthcare equipment
• Network and telecom equipment
• Data storage, solid state drives
•Computing
•PLC
•Lighting
• Gaming consoles
FEATURES
• 2.8 V to 23 V operation voltage
• 28 V max. voltage rating with 24 V internal OVP
• 78 m
 typical switch resistance
• 0.3 A to 3.5 A current limit setting range
• Current limit accuracy of ± 8 %
• Fast short circuit protection response
• OCP triggering without overhead current
• Programmable turn-on slew rate
• Turn-on delay: 190 μs
• Adjustable OVP (and fixed 24 V OVP at VIN)
•Adjustable UVLO
• Over-temperature protection
•ESD / HBM: > 2 kV
• ESD / CDM: > 750 V
• PGD: power good indicator output
• Compact TDFN10 3 mm x 3 mm package (for AEC-Q100
qualified
automotive
applications,
please
refer
to
SIPQ32433)
• 6 A uni-directional parts available with SIP32434
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATION CIRCUIT
Fig. 1 - Application Circuit
EN
UVLO
C
SS
R
SET
GND
V
OUT
V
IN
I
LIM / IMON
OVP
SS
PGD
5 V
V
FLG bias
C
IN
C
OUT
I
OUT report
R1
R2
SIP32433
Power
Enable
3 x 3 mm
DFN10
System
power
source
SYSTEM
Fault
Alert
Power
monitoring


Similar Part No. - SIP32433AEVB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32433AEVB VISHAY-SIP32433AEVB Datasheet
652Kb / 10P
eFuse Evaluation Board Manual
01-Mar-2022
More results

Similar Description - SIP32433AEVB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25200-Q1 TI1-TPS25200-Q1 Datasheet
2Mb / 28P
5-V eFuse With Precision Adjustable Current Limit and Overvoltage Clamp
TPS25947 TI-TPS25947 Datasheet
7Mb / 62P
TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947_V01 Datasheet
7Mb / 65P
TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521 Datasheet
4Mb / 47P
TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947_V02 Datasheet
6Mb / 71P
TPS25947xx, 2.7 - 23 V, 5.5 A, 28-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521_V01 Datasheet
4Mb / 48P
TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
logo
Vishay Siliconix
SIP32434 VISHAY-SIP32434_V01 Datasheet
677Kb / 22P
6 A, 33 m, 2.8 V to 23 V, eFuse With Programmable Current Limit and OVP
02-May-2022
logo
Alpha & Omega Semicondu...
AOZ1374DI AOSMD-AOZ1374DI Datasheet
1Mb / 18P
ECPowerTM 23 V 36 mΩ Protection Switch Programmable Current Limit and True Reverse Current Blocking
Rev. 1.0 December 2020
logo
Texas Instruments
TPS25948 TI-TPS25948 Datasheet
4Mb / 56P
TPS25948xx 3.5-V–23-V, 13-mΩ, 8-A eFuse With True Reverse Current Blocking
FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com