Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMD31020BIF-R Datasheet(PDF) 3 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD31020BIF-R
Description  Sensor Signal Conditioner
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD31020BIF-R Datasheet(HTML) 3 Page - Zentrum Mikroelektronik Dresden AG

  ZMD31020BIF-R Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Copyright © 2004, ZMD AG, Rev. 1.6, 2005-05-19
3/19
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior
written consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD31020
Sensor Signal Conditioner
Datasheet
1.
PIN DESCRIPTION
PIN
Number
Name
Description
1
VOUT
analog conditioned sensor signal output
2
VDDA (*)
analog device functions positive supply
3
VDD
digital device functions positive supply
4
VSS
digital device functions negative supply
5
SCL
I²C clock input, on-chip pull-up resistor
6
SDA
I²C data input / output, on-chip pull-up resistor
7
VPP
positive EEPROM programming voltage
8
VBN
differential sensor signal negative input
9
VDDB2 (*)
positive supply for sensor and temperature sensing diode
10
VTN
input for temperature sensing diode
11
VDDB1 (*)
positive supply for sensor and temperature sensing diode
12
VBP
differential sensor signal positive input
13
VSSB (**)
sensor negative supply
14
VSSA (**)
analog device functions negative supply
(*)
VDDA, VDDB1 and VDDB2 tied to common on-chip positive supply rail
(**)
VSSA and VSSB tied to common on-chip negative supply rail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com