Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMD31020BIF-R Datasheet(PDF) 13 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD31020BIF-R
Description  Sensor Signal Conditioner
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD31020BIF-R Datasheet(HTML) 13 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD31020BIF-R Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 17Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Copyright © 2004, ZMD AG, Rev. 1.6, 2005-05-19
13/19
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior
written consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD31020
Sensor Signal Conditioner
Datasheet
Timing Characteristics of the serial Interface
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
SCL clock frequency
fSCL
-
100
kHz
Bus free time betw. STOP
and START condition
tI2C_BF
4.7
µs
Hold Time (repeated)
START cond.
tI2C_HD_STA
to first clock pulse
4.0
µs
LOW period of SCL
tI2C_L
4.7
µs
HIGH period of SCL
tI2C_H
4.0
µs
Setup time (repeated)
START cond.
tI2C_SU_STA
4.7
µs
Data hold time
tI2C_HD_DAT
0
ns
Data setup time
tI2C_SU_DAT
250
ns
Rise time of both SDA and
SCL
tI2C_R
-
300
ns
Fall time of both SDA and
SCL
tI2C_F
-
300
ns
Setup time for STOP
condition
tI2C_SU_STO
4
µs
Input filter spike
suppression / noise
interception
tI2C_NI
spikes on SDA or
SCL of that length
are suppressed
50
ns
tI2C_SU_DAT
tI2C_HD_DAT
tI2C_SU_STA tI2C_HD_STA tI2C_R
tI2C_F
tI2C_SU_STO
tI2C_HD_STA
tI2C_BF
tI2C_L
tI2C_H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com