Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMD31020BIF-R Datasheet(PDF) 10 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD31020BIF-R
Description  Sensor Signal Conditioner
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD31020BIF-R Datasheet(HTML) 10 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD31020BIF-R Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Copyright © 2004, ZMD AG, Rev. 1.6, 2005-05-19
10/19
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior
written consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD31020
Sensor Signal Conditioner
Datasheet
ZMD31020‘s analog output stage consists of an 11-bit resistor-string linear DAC, which converts the MSB-
portion of the corrected sensor signal, followed by an output buffer amplifier, designed for full supply voltage
range output swing and generating the output voltage VOUT.
VOUT presents the actual corrected sensor signal as an analog voltage on a linear voltage scale with 11 bits
resolution. The output voltage is ratiometric to the supply voltage (VDDA – VSSA).
Furthermore it exhibits low- and high-side scale limits; either limit is programmable and clamping to these limit
values is performed digitally by the CMC (see section 2.7 and the ZMD31020 Functional Description).
VOUT will change as corrected sensor signal values become available, hence with a refresh rate of about 10ms.
VOUT can source/sink a maximum load current of 2mA.
3.
ELECTRICAL SPECIFICATION
(all voltages referred to VSSA)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Analog supply voltage
VDDA
-0.3
6.5
V
Digital supply voltage
VDD
to VSS
-0.3
6.5
V
Voltage at all digital I/O
VD_I/O
to VSS
-0.3
VDD+0.3
V
Voltage at all analog I/O
VA_I/O
-0.3
VDDA+0.3
V
Guaranteed
ESD-immunity
at all pins, HBM
-2
2
kV
Guaranteed
latch-up immunity
at all pins
-100
100
mA
Storage temperature
TSTG
-40
150
°C
Average storage- and
operation temperature for
15 years time of
operation
100
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage
VDDA = VDD
to VSSA = VSS
4.5
5
5.5
V
Ambient temperature
TAMB
-40
125
°C
Bridge resistance
RBR
1
10
kΩ
Capacitance
CVDD(A)
between VDD = VDDA
and VSS = VSSA
100
220
470
nF
2.10 The Analog Output Stage
3.1
Absolute maximum ratings
3.2
Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com