Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMD31020BIF-R Datasheet(PDF) 7 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD31020BIF-R
Description  Sensor Signal Conditioner
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD31020BIF-R Datasheet(HTML) 7 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD31020BIF-R Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Copyright © 2004, ZMD AG, Rev. 1.6, 2005-05-19
7/19
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior
written consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD31020
Sensor Signal Conditioner
Datasheet
2.5.4
Temperature Measurement
The temperature sensing diode, selected by TS – configuration bit 5, is biased with a constant current of 40µA.
It‘s forward drop changes with –2.1mV/°K typically, and is passed as differential temperature signal. The 40µA
current source is only on during temperature measurement, to prevent any interference with the bridge sensor
signal's measurement. The differential temperature signal is resolved by the ADC with only 10 bits, against a
differential reference voltage of 0.980V, derived from an on-chip bandgap. Whenever measuring temperature,
the ADC is set to RSADC = 15/16.
The CMC performs the sensor signal fine-tuning in the digital domain. It is a 16 bit RISC micro-controller, driven
by an on-chip clock generator with a nominal clock frequency of 1.5 MHz. The overall clock frequency tolerance
is smaller than ±25%. The CMC includes a 16-bit width ALU and a (16 x 16)-bit RAM. Furthermore it has a 12-
bit input counter into which the ADC will serially transmit conversion results; 4096 clock cycles are needed per
result. The CMC is connected to a (1k x 16)-bit instruction ROM and a (12 x 16)-bit parameter EEPROM. At the
output side the CMC is equipped with an I
2C-interface as a digital series output for the corrected sensor signal.
Initially, during calibration, the same interface is used bi-directionally: to write the configuration word into the
EEPROM, to read non-corrected sensor value as well as temperature, and again and finally to write the valid
calibration parameters into the EEPROM.
The parameter EEPROM is a non-volatile store for 12 parameter values, each with 16 bits of width.
Address
Parameter
Default content
0HEX
calibration parameter a0 for sensor's non-linearity correction
5234 Hex
1HEX
calibration parameter a1 for sensor's offset correction
0023 Hex
2HEX
calibration parameter a2 for first order sensor offset drift correction
2044 Hex
3HEX
calibration parameter a3 for second order sensor offset drift correction
3022 Hex
4HEX
calibration parameter a4 for gain correction
6356 Hex
5HEX
calibration parameter a5 for first order gain drift correction
1045 Hex
6HEX
calibration parameter a6 for second order gain drift correction
2073 Hex
7HEX
low-side scale limit value for corrected sensor signal
03E8 Hex
8HEX
high-side scale limit value for corrected sensor signal
0FA0 Hex
9HEX
configuration word
0040 Hex
AHEX
customer-specific identification word
1234 Hex
BHEX
customer-specific identification word
5678 Hex
Contents of the parameter EEPROM
The configuration word and it's contents under address &H09 have been described already in chapter 2.5.
The calibration parameters are stored under addresses &H00 through &H06. The calculation of these
parameters is described in the ZMD31020 Functional Description.
2.6
Correction Microcontroller CMC
2.7
Parameter EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com