Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMD31020BIF-R Datasheet(PDF) 15 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD31020BIF-R
Description  Sensor Signal Conditioner
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD31020BIF-R Datasheet(HTML) 15 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD31020BIF-R Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 17Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 18Page - Zentrum Mikroelektronik Dresden AG ZMD31020BIF-R Datasheet HTML 19Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Copyright © 2004, ZMD AG, Rev. 1.6, 2005-05-19
15/19
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior
written consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD31020
Sensor Signal Conditioner
Datasheet
4.
PACKAGE DIMENSIONS
All dimensions in mm, reference: DIN EN 190000
Dimensions of Sub-Group B1
Amax
1.99
Bpmin
0.25
bpmax
0.38
enom
0.65
HEmin
7.65
HEmax
7.90
Lpmin
0.63
Zmax
1.22
SSOP14 (209mil = 5.3mm)
weight:
≤
0.3g
package body material: low stress epoxy
lead material:
FeNi-Alloy or Cu-Alloy
lead finish:
solder plating
lead form:
Z-bends
Dimensions of Sub-Group C1
Amin
1.73
A1min
0.05
A1max
0.21
A2min
1.68
A2max
1.78
cmin
0.09
cmax
0.20
Dmin*
6.07
Dmax*
6.33
Emin*
5.20
Emax*
5.38
kmin
0.25
θ
min
0°
θ
max
10°
* without mold-flesh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com