Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88780 Datasheet(PDF) 13 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 13 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 9Page - ASIX Electronics Corporation AX88780 Datasheet HTML 10Page - ASIX Electronics Corporation AX88780 Datasheet HTML 11Page - ASIX Electronics Corporation AX88780 Datasheet HTML 12Page - ASIX Electronics Corporation AX88780 Datasheet HTML 13Page - ASIX Electronics Corporation AX88780 Datasheet HTML 14Page - ASIX Electronics Corporation AX88780 Datasheet HTML 15Page - ASIX Electronics Corporation AX88780 Datasheet HTML 16Page - ASIX Electronics Corporation AX88780 Datasheet HTML 17Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
AX88780
3.5 Flow Control
In full duplex mode, AX88780 supports the standard flow control mechanism defined in IEEE 802.3x standard. It
enables the stopping of remote node transmissions via a PAUSE frame information interaction. When space of the packet
buffer is less than the threshold values (RXBTHD0, RXBTHD1), AX88780 will send out a PAUSE-ON packet to stop the
remote node transmission. And then AX88780 will send out a PAUSE-OFF packet to inform the remote node to retransmit
packet if it has enough space to receive packets.
3.6 Checksum Offloads and Wake-up
To reduce the computing loading of CPU, AX88780 is built checksum operator for IP, UDP or TCP packet. AX88780
will detect the packet whether it is IP, UDP or TCP packet. If it is an IP packet, AX88780 will calculate the checksum of
header and put the result in checksum filed of IP. Then it continuously checks the packet whether it is UDP or TCP. It will
perform the checksum operation whenever it is a UDP or TCP packet. AX88780 also automatically skip the VLAN tag
when checksum is executed. AX88780 also supports to detect magic packet or link-up to wake up system when system is in
sleep state.
3.7 Fast-Mode support
To improve the throughput in embedded system, AX88780 supports fast-mode for TX/RX buffer access. Host can
access AX88780 by driving CSN to low and toggle WEN (write) or OEN (read). AX88780 can support the burst until
whole packet access. The access timing can refer to section 6.2.4 and 6.2.6. This mechanism is only for TX/RX buffer
access. For configuration register access, it must use single-burst.
3.8 Big/Little-endian support
AX88780 supports “Big” or “Little” endian data format. The default is Little-endian. Designer can pull-up SPDLED
pin to high to swap the data format. Below table can depict the relation. This swap is only valid in 32-bit mode.
L ittle-en d ian
D [31:24]
D [23:1 6]
D [15 :8 ]
D [7 :0 ]
D [7:0]
D [1 5 :0 ]
D [2 3:16 ]
D [3 1 :24 ]
B ig-end ian
Figure 4 : data swap block
3.9 10/100BASE-TX PHY
AX88780 integrates high performance PHY that is fully compliant with 10/100BASE-TX Ethernet standards such as
IEEE 802.3, IEEE 802.3u and ANSI X3.263-1995. It’s main features can described below.
Adaptive equalizer
This equalizer mainly eliminates the distortions caused by inter-symbol interference (ISI) by automatically adjusting
the mathematical coefficient to match the cable length.
Baseline wander correct
The transmitter sends DC and AC signals as a pair. The receiving device and transmitting device each have a
transformer that blocks the Dc signal. When the AC signal loses its DC component, the AC signal becomes distorted. The
Baseline-Wander correct ill restores the DC component to AC signal and delivers it as a complete signal to receiver.
Link monitor/signal detect
This feature is used to detect the signal’s level. If the detected signal is above 400mV in 100BASE-TX mode, it will
generate a Signal Detected (SD) to MAC. If the level is below 400mV, the SD signal will be de-asserted 1ms.
Carrier detect and 4B/5B coding
The Physical Coding Sub-layer (PCS) checks with Physical Medium Attachment (PMA) data to see if the packets
meet IEEE 802.3u defined preamble (J/K/packets in 100BASE-TX) standards. If the packets meet the standards, the PCS
sub-layer will start to process the data and send to MAC engine. The PCS converts received/transmitted data according
IEEE 802.3u defined coding standards, such as 4B/5B and scrambling/de-scrambling.
13
ASIX ELECTRONICS CORPORATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com