Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88780 Datasheet(PDF) 39 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 39 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 35Page - ASIX Electronics Corporation AX88780 Datasheet HTML 36Page - ASIX Electronics Corporation AX88780 Datasheet HTML 37Page - ASIX Electronics Corporation AX88780 Datasheet HTML 38Page - ASIX Electronics Corporation AX88780 Datasheet HTML 39Page - ASIX Electronics Corporation AX88780 Datasheet HTML 40Page - ASIX Electronics Corporation AX88780 Datasheet HTML 41Page - ASIX Electronics Corporation AX88780 Datasheet HTML 42Page - ASIX Electronics Corporation AX88780 Datasheet HTML 43Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
AX88780
6.1.8 Power Consumption
Symbol
Description
Min
Typ
Max
Units
Current consumption of VCC2, 2.5V
Power On with auto-negotiation
-
220
-
mA
Current consumption of VCC2, 2.5V
10M with traffic
-
200
-
mA
IVCC2
Current consumption of VCC2, 2.5V
100M with traffic
-
157
-
mA
Current consumption of VCC3, 3.3V
Power On with auto-negotiation
-
2.5
-
mA
Current consumption of VCC3, 3.3V
10M with traffic
-
2.5
-
mA
IVCC3
Current consumption of VCC3, 3.3V
100M with traffic
-
2.7
-
mA
Note Based on 125M HCLK reference clock
6.1.9 Thermal Characteristics
A. Testing Condition
Environment
PCB Layer (2S2P)
4
Maximum junction temperature (oC) -- TJ
125
Ambient temperature (oC) -- TA
65
Input Power (W) -- P
1
B. Junction to ambient thermal resistance
Symbol
Min
Typ
Max
Units
JA
θ
(0 m/s airflow)1
-
46.3
-
oC/W
JA
θ
(1 m/s airflow)
-
40.3
-
oC/W
JA
θ
(2 m/s airflow)
-
38.6
-
oC/W
JA
θ
(3 m/s airflow)
-
37.5
-
oC/W
1: Note
JA
θ
defined as below
JA
θ
=
P
T
T
A
J
JA
θ
: thermal resistance
TJ : junction temperature
TA: ambient temperature
P : input power (watts)
TJ = TA + (P X
JA
θ )
C. Power Dissipation
Air Flow (m/s)
0
1
2
3
Power Dissipation (watt)
1.29
1.48
1.55
1.6
39
ASIX ELECTRONICS CORPORATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com