Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88780 Datasheet(PDF) 21 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 21 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 17Page - ASIX Electronics Corporation AX88780 Datasheet HTML 18Page - ASIX Electronics Corporation AX88780 Datasheet HTML 19Page - ASIX Electronics Corporation AX88780 Datasheet HTML 20Page - ASIX Electronics Corporation AX88780 Datasheet HTML 21Page - ASIX Electronics Corporation AX88780 Datasheet HTML 22Page - ASIX Electronics Corporation AX88780 Datasheet HTML 23Page - ASIX Electronics Corporation AX88780 Datasheet HTML 24Page - ASIX Electronics Corporation AX88780 Datasheet HTML 25Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
AX88780
3:1
-
R
3’b000
Reserved
0
-
R/W
0
Reserved, must to be 0
4.8 TXDES0--TX Descriptor0 Register
Offset Address = FC20h
Default = 32’h0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15
TXD0_EN
R/W
0
Transmit TX descriptor0
If this bit is enabled, MAC will begin to transmit data that are stored in TX
buffer. In former, data had been written to TX descriptor0. This bit will be
cleared by hardware when MAC finished the transmission.
1= enable
0= disable
14:13
-
R
2’b00
Reserved
12:0
TXD0_LEN
R/W
All 0’s
TX packet length
(unit: byte)
Driver set this field to indicate AX88780 how many bytes will be
transmitted.
4.9 TXDES1--TX Descriptor1 Register
Offset Address = FC24h
Default = 32’h0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15
TXD1_EN
R/W
0
Transmit TX descriptor1
If this bit is enabled, MAC will begin to transmit data that are stored in TX
buffer. In former, data had been written to TX descriptor1. This bit will be
cleared by hardware when MAC finished the transmission.
1= enable
0= disable
14:13
-
R
2’b00
Reserved
12:0
TXD1_LEN
R/W
All 0’s
TX packet length (unit: byte)
Driver set this field to indicate AX88780 how many bytes will be
transmitted.
4.10 TXDES2--TX Descriptor2 Register
Offset Address = FC28h
Default = 32’h0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15
TXD2_EN
R/W
0
Transmit TX descriptor2
If this bit is enabled, MAC will begin to transmit data that are stored in TX
buffer. In former, data had been written to TX descriptor2. This bit will be
cleared by hardware when MAC finished the transmission.
1= enable
0= disable
14:13
-
R
2’b00
Reserved
12:0
TXD2_LEN
R/W
All 0’s
TX packet length (unit: byte)
Driver set this field to indicate AX88780 how many bytes will be
21
ASIX ELECTRONICS CORPORATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com