Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88780 Datasheet(PDF) 8 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 8 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 4Page - ASIX Electronics Corporation AX88780 Datasheet HTML 5Page - ASIX Electronics Corporation AX88780 Datasheet HTML 6Page - ASIX Electronics Corporation AX88780 Datasheet HTML 7Page - ASIX Electronics Corporation AX88780 Datasheet HTML 8Page - ASIX Electronics Corporation AX88780 Datasheet HTML 9Page - ASIX Electronics Corporation AX88780 Datasheet HTML 10Page - ASIX Electronics Corporation AX88780 Datasheet HTML 11Page - ASIX Electronics Corporation AX88780 Datasheet HTML 12Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
AX88780
2.0 Signal Description
2.1 Signal Type Definition
I3:
Input, 3.3V with 5V tolerance
I2:
Input, 2.5V with 3.3V tolerance
O3:
Output, 3.3V
O2:
Output, 2.5V
IO3:
Input/Output, input 3.3V with 5V tolerance
TSO:
Tri-State Output
OD:
Open Drain allows multiple devices to share as a wire-OR
PD:
Internal 75K Pull Down
PU:
Internal 75K Pull Up
GND:
Digital Ground
GNDA:
Analog Ground
GNDR:
Ground for Regulator
VCC3:
3.3V power
VCC3R:
3.3V for regulator
VCC2:
2.5V power
VCC2A:
2.5V for analog
I:
Input only
O:
Output only
IO:
Input/Output
2.2 Host Interface
Table 1 : Host Interface signals group
Pin Name
Type
Pin NO
Pin Description
INTN
TSO, 8mA
102
Interrupt to host system
When the polarity is active high, this signal must be pulled low, otherwise pulled
high in active low environment. Software set the bit6 of command register (CMD) to
response the polarity.
RST_N
I3
103
Reset signal: active low.
HCLK
I3
104
System Clock. The reference frequency is from 40MHz to 100MHz
WAKEUP
TSO, 8mA
115
Wake-up signal to system. When the polarity is active high, this signal must be
pulled low, otherwise pulled high in active low environment. Software set the bit0 of
command register (CMD) to response the polarity.
HD0
IO3, 8mA
19
Data bus bit0.
HD1
IO3, 8mA
18
Data bus bit1.
HD2
IO3, 8mA
17
Data bus bit2.
HD3
IO3, 8mA
16
Data bus bit3.
HD4
IO3, 8mA
15
Data bus bit4.
HD5
IO3, 8mA
14
Data bus bit5.
HD6
IO3, 8mA
12
Data bus bit6.
HD7
IO3, 8mA
11
Data bus bit7.
HD8
IO3, 8mA
10
Data bus bit8.
HD9
IO3, 8mA
9
Data bus bit9.
HD10
IO3, 8mA
7
Data bus bit10.
HD11
IO3, 8mA
6
Data bus bit11.
HD12
IO3, 8mA
5
Data bus bit12.
HD13
IO3, 8mA
3
Data bus bit13.
HD14
IO3, 8mA
2
Data bus bit14.
HD15
IO3, 8mA
128
Data bus bit15.
HD16
IO3, 8mA
127
Data bus bit16, internal pull low.
8
ASIX ELECTRONICS CORPORATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com