Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP960X Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP960X
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP960X Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP960X Datasheet HTML 20Page - Microchip Technology MCP960X Datasheet HTML 21Page - Microchip Technology MCP960X Datasheet HTML 22Page - Microchip Technology MCP960X Datasheet HTML 23Page - Microchip Technology MCP960X Datasheet HTML 24Page - Microchip Technology MCP960X Datasheet HTML 25Page - Microchip Technology MCP960X Datasheet HTML 26Page - Microchip Technology MCP960X Datasheet HTML 27Page - Microchip Technology MCP960X Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 24
MCP960X/L0X/RL0X
FIGURE 4-5:
Timing Diagram to Set a Register Pointer, Write Two Bytes, and Read the Data.
SDA
A
C
K
11
0
0
A
Alert 1 MSB
00
0
1
A
C
K
S
2
A
1
A
0
1
2
3
4
5
678
12
3
456
7
8
SCL
0
Address Byte
W
00
0
xx
xx
A
C
K
12
3
4
5
6
7
8
x xx x
xx
x
x
A
C
K
1
2
34
56
7
8
xx
x
x
P
TABLE 4-4:
POINTERS
Alert Limit
Registers
Pointer
Alert 1
0001 0000
Alert 2
0001 0001
Alert 3
0001 0010
Alert 4
0001 0011
Alert 1 LSB
Note: this is an example pseudo routine:
i2c_start();
// send START command
i2c_write(b’1100 0000’);
//WRITE Command
//also, make sure bit 0 is cleared ‘0’
i2c_write(b’0001 00XX’);
// Write Alert registers
i2c_write(b’XXXX XXXX’);
// Write register Upper Byte
i2c_write(b’XXXX XXXX’);
// Write register Lower Byte
i2c_stop();
// send STOP command
i2c_start();
// send START command
i2c_write(b’1100 0001’);
//READ Command
//also, make sure bit 0 is set ‘1’
UpperByte = i2c_read(ACK);
// READ 8 bits (with t
STRETCH delay)
//and Send ACK bit
LowerByte = i2c_read(NAK);
// READ 8 bits (with t
STRETCH delay)
//and Send NAK bit
i2c_stop();
// send STOP command
Alert Limit 1
(Table 4-4)
Device*
A
C
K
1100
A
Alert 1 MSB
A
C
K
N
A
K
S
P
2
A
1
A
0
123
4
5
6
7
8
1
2
345
6
7
8
1
2
345
6
7
8
Address Byte
Alert 1 LSB
R
Host
SDA
SCL
xxx
x
x
x
x
x
x
x
x
x
x
x
x
x
MCP960X/L0X/RL0X Clock Stretching,
tSTRETCH
Device*
Host
*MCP960X/L0X/RL0X
Device*
Device*
Device*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com