Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP960X Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP960X
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP960X Datasheet(HTML) 5 Page - Microchip Technology

  MCP960X Datasheet HTML 1Page - Microchip Technology MCP960X Datasheet HTML 2Page - Microchip Technology MCP960X Datasheet HTML 3Page - Microchip Technology MCP960X Datasheet HTML 4Page - Microchip Technology MCP960X Datasheet HTML 5Page - Microchip Technology MCP960X Datasheet HTML 6Page - Microchip Technology MCP960X Datasheet HTML 7Page - Microchip Technology MCP960X Datasheet HTML 8Page - Microchip Technology MCP960X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 5
MCP960X/L0X/RL0X
Thermocouple Sensor Measurement Accuracy – MCP96RL00/01
TH Hot-Junction Accuracy (VDD =3.3V)
TH =TC +TΔ (Note 1)
TH_ACY
-8.0
±4
+8.0
°C
TA = 0°C to +85°C
-10.0
±6
+10.0
TA = -40°C to +125°C
TC Cold-Junction Accuracy (VDD =3.3V)
TC_ACY
-2.0
±1
+2.0
°C
TA = -40°C to +125°C
TΔ Junctions Temperature Delta Accuracy – MCP96RL00/01
Type K: TΔ = -200°C to +1372°C
VEMF Range: -5.907 mV to 54.886 mV
TΔ_ACY
-6.0
±3.0
+6.0
°C
TA = 0°C to +85°C,
VDD =3.3V (Note 2)
Type J: TΔ = -150°C to +1200°C
VEMF Range: -3.336 mV to 47.476 mV
Type T: TΔ = -200°C to +400°C
VEMF Range: -5.603 mV to 20.81 mV
Type N: TΔ = -150°C to +1300°C
VEMF Range: -3.336 mV to 47.476 mV
Type E: TΔ = -200°C to +1000°C
VEMF Range: -8.825 mV to 76.298 mV
Type S: TΔ = 250°C to +1664°C
VEMF Range: -1.875 mV to 17.529 mV
TA = 0°C to +85°C,
VDD =3.3V
(Notes 2, 3)
Type B: TΔ = 1000°C to +1800°C
VEMF Range: -4.834 mV to 13.591 mV
Type R: TΔ = 250°C to +1664°C
VEMF Range: -1.923 mV to 19.732 mV
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, VDD = 2.7V to 5.5V, GND = Ground, TA = -40°C to +125°C
(where: TA =TC, defined as Device Ambient Temperature).
Parameters
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1:
The TC and T summation is implemented in milli-volt (mV) domain. The result, TH (mV), is converted to
Degree Celsius using the NIST ITS-90 Conversion database.
2:
The T_ACY temperature accuracy specification is defined as the device accuracy to the NIST ITS-90
Thermocouple EMF to Degree Celsius Conversion Database with TC = 0°C.
3:
The device measures temperature below the specified range, however, the sensitivity to changes in
temperature reduces exponentially. Type R and S measure down to -50°C, or -0.226 mVEMF and
-0.235 mVEMF, respectively. Type B measures down to 500°C or 1.242 mVEMF (see
Figures 2-7, 2-8, 2-10, 2-11, 2-14 and 2-17).
4:
Exceeding the VIN_CM input range may cause leakage current through the ESD protection diodes at the
thermocouple input pins. This parameter is characterized but not production tested.
5:
The Minimum and Maximum %VDD thresholds are characterized but not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com