Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP960X Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP960X
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP960X Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP960X Datasheet HTML 3Page - Microchip Technology MCP960X Datasheet HTML 4Page - Microchip Technology MCP960X Datasheet HTML 5Page - Microchip Technology MCP960X Datasheet HTML 6Page - Microchip Technology MCP960X Datasheet HTML 7Page - Microchip Technology MCP960X Datasheet HTML 8Page - Microchip Technology MCP960X Datasheet HTML 9Page - Microchip Technology MCP960X Datasheet HTML 10Page - Microchip Technology MCP960X Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 7
MCP960X/L0X/RL0X
FIGURE 1-1:
Open and Short-Circuit Detection Configuration.
Alert 1, 2, 3, 4 Outputs, SC Alert and OC Alert Outputs (MCP9601/L01/RL01)
Low-Level Voltage
VOL
——
0.4
V
IOL= 3 mA
High-Level Voltage
VOH
VDD – 0.5
——
V
IOH= 3 mA
Operating Voltage and Current
Operating Voltage
VDD
2.7
—
5.5
V
I2C Inactive Current
IDD
—0.3
0.5
mA
VDD = 3.3V,
TA = +85°C
I2C Active Current or During tCALC
—1.5
2.5
mA
Shutdown Current
ISHDN
—2
5
µA
I2C inactive,
TA = +85°C
Power-on Reset (POR) Thresholds
VPOR
1.0
2.1
2.6
V
Rising/Falling VDD
Power-up Time
tPOR
—20
—
ms
Thermal Response
Package Thermal Response
(Time to 63% of Final Temperature)
tRSP
—
3
—
s
+25°C (air) to +125°C
(oil bath), 2x2” PCB
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, VDD = 2.7V to 5.5V, GND = Ground, TA = -40°C to +125°C
(where: TA =TC, defined as Device Ambient Temperature).
Parameters
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1:
The TC and T summation is implemented in milli-volt (mV) domain. The result, TH (mV), is converted to
Degree Celsius using the NIST ITS-90 Conversion database.
2:
The T_ACY temperature accuracy specification is defined as the device accuracy to the NIST ITS-90
Thermocouple EMF to Degree Celsius Conversion Database with TC = 0°C.
3:
The device measures temperature below the specified range, however, the sensitivity to changes in
temperature reduces exponentially. Type R and S measure down to -50°C, or -0.226 mVEMF and
-0.235 mVEMF, respectively. Type B measures down to 500°C or 1.242 mVEMF (see
Figures 2-7, 2-8, 2-10, 2-11, 2-14 and 2-17).
4:
Exceeding the VIN_CM input range may cause leakage current through the ESD protection diodes at the
thermocouple input pins. This parameter is characterized but not production tested.
5:
The Minimum and Maximum %VDD thresholds are characterized but not production tested.
Del Sig
VIN+
VIN-
MCP9601/L01/RL01
Thermocouple
+
RA
R
RB
VDD
VSENSE
C
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
V
SENSE (V)
Range for Thermocouple Short-to-V
DD Detection
Range for Thermocouple Short-to-GND Detection
Dead Zone
Range for Thermocouple Open Circuit Detection
Range for Normal Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com