Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP960X Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP960X
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP960X Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP960X Datasheet HTML 35Page - Microchip Technology MCP960X Datasheet HTML 36Page - Microchip Technology MCP960X Datasheet HTML 37Page - Microchip Technology MCP960X Datasheet HTML 38Page - Microchip Technology MCP960X Datasheet HTML 39Page - Microchip Technology MCP960X Datasheet HTML 40Page - Microchip Technology MCP960X Datasheet HTML 41Page - Microchip Technology MCP960X Datasheet HTML 42Page - Microchip Technology MCP960X Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 39
MCP960X/L0X/RL0X
5.3.2
ALERT HYSTERESIS REGISTER
This device integrates four individually controlled
temperature Alert Hysteresis registers for each alert
output, with a range of 0°C to +255°C.
The alert hysteresis directions are set using bit 3 of
the corresponding Alert Configuration registers
(Register 5-10) to detect rising or falling temperatures.
For rising temperatures, the hysteresis range is below
the alert limit where, as for falling temperatures, the
hysteresis range is above the alert limit, as shown in
Figure 5-10.
FIGURE 5-10:
Graphical Description of Alert Output Hysteresis Direction.
TABLE 5-5:
ALERT HYSTERESIS
REGISTERS
Register
Register Pointer
Alert 1 Hysteresis – THYST1
0000 1100
Alert 2 Hysteresis – THYST2
0000 1101
Alert 3 Hysteresis – THYST3
0000 1110
Alert 4 Hysteresis – THYST4
0000 1111
REGISTER 5-10:
THYSTx: ALERT 1, 2, 3 AND 4 HYSTERESIS REGISTERS
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
128°C
64°C
32°C
16°C
8°C
4°C
2°C
1°C
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
Alert Hysteresis: Alert Hysteresis Range 0x00 to 0xFF bits (which represents +1°C to +255°C)
Cold
Hot
Hy
ste
res
is
Cold
Hot
Hy
ste
res
is
TALERT
THYST
TALERT
THYST
Rising Temperature
Falling Temperature
Alert Output
Cold
Hot
Hy
ste
res
is
TALERT
THYST
Rising Temperature
Cold
Hot
Hy
ste
res
is
TALERT THYST
Falling Temperature
Alert Output
Alert Output
Alert Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com