Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP960X Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP960X
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP960X Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP960X Datasheet HTML 29Page - Microchip Technology MCP960X Datasheet HTML 30Page - Microchip Technology MCP960X Datasheet HTML 31Page - Microchip Technology MCP960X Datasheet HTML 32Page - Microchip Technology MCP960X Datasheet HTML 33Page - Microchip Technology MCP960X Datasheet HTML 34Page - Microchip Technology MCP960X Datasheet HTML 35Page - Microchip Technology MCP960X Datasheet HTML 36Page - Microchip Technology MCP960X Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 33
MCP960X/L0X/RL0X
5.2
Sensor STATUS and Configuration
Registers
This device provides various temperature and
measurement Status bits which can be monitored
regularly by the host controller. In addition, this device
integrates various user-programmable features which
can
be
useful
to
develop
complex
thermal
management applications. The following sections
describe each feature in detail.
5.2.1
STATUS REGISTER
The STATUS register contains several flag bits that
indicate statuses, such as temperature alert, the ADC
input range status for the selected thermocouple type
and the Temperature register update status for both
single conversion or Burst mode conversions.
REGISTER 5-6:
STATUS REGISTER
R/W-0
R/W-0
U-0
R-0
R-0
R-0
R-0
R-0
Burst Complete
TH Update
—
Input Range Alert 4 Status Alert 3 Status Alert 2 Status Alert 1 Status
Short-Circuit
(SC) (1)
Open-Circuit
(OC)/Input
Range (1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Burst Complete: Burst Mode Conversions Status Flag bit
1 =TΔ register Burst mode conversions complete
0 = Writing ‘0’ has no effect
Once Burst mode is enabled, this bit is normally set after the first burst is complete. User can clear it and
poll the bit periodically until the next burst of temperature conversions is complete (see Register 5-8).
bit 6
TH Update: Temperature Update Flag bit
1 = Temperature conversion complete
0 = Writing ‘0’ has no effect
This bit is normally set. User can clear it and poll the bit until the next temperature conversion is complete.
bit 5
Unimplemented: Read as ‘0’ for the MCP9600/L00/RL00 only.
Short-Circuit (SC): Short-Circuit Detection bit for the MCP9601/L01/RL01 only (read-only)
1 = Thermocouple Shorted to VDD or VSS
0 = Normal operation
The VSENSE pin must be connected to the Thermocouple as indicated in Figure 1-1, using RA and RB
resistors.
Note 1: MCP9601/L01/RL01 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com