Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9601 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP9601
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9601 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP9601 Datasheet HTML 17Page - Microchip Technology MCP9601 Datasheet HTML 18Page - Microchip Technology MCP9601 Datasheet HTML 19Page - Microchip Technology MCP9601 Datasheet HTML 20Page - Microchip Technology MCP9601 Datasheet HTML 21Page - Microchip Technology MCP9601 Datasheet HTML 22Page - Microchip Technology MCP9601 Datasheet HTML 23Page - Microchip Technology MCP9601 Datasheet HTML 24Page - Microchip Technology MCP9601 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 21
MCP960X/L0X/RL0X
4.1.5
DATA VALID
After the Start condition, each bit of data in
transmission needs to be settled for a time specified by
tSU-DATA before SCL toggles from low-to-high (see the
“Sensor Serial Interface Timing Specifications”
section).
4.1.6
ACKNOWLEDGE (ACK/NAK)
Each receiving device, when addressed, is expected to
generate an ACK bit after the reception of each byte.
The host device must generate an extra clock pulse for
ACK to be recognized.
The Acknowledging device pulls down the SDA line for
tSU-DATA before the low-to-high transition of SCL from
the host. SDA also needs to remain pulled down for
tHD-DAT after a high-to-low transition of SCL.
During read, the host must signal an End-of-Data
(EOD) to the device by not generating an ACK bit
(NAK) once the last bit has been clocked out of the
device. In this case, the device will leave the data line
released to enable the host to generate the Stop condi-
tion.
4.1.7
CLOCK STRETCHING
During the I2C read operation, this device will hold the
I2C clock line low for tSTRECH after the falling edge of
the ACK signal. In order to prevent bus contention, the
host controller must release or hold the SCL line low
during this period.
In addition, the host controller must provide eight con-
secutive clock cycles after generating the ACK bit from
a read command. This allows the device to push out
data from the SDA Output Shift registers. Missing clock
cycles could result in bus contention. At the end of one
or more data transmission, the host controller must pro-
vide the NAK bit, followed by a Stop Condition to
terminate communication (see Figure 4-3).
FIGURE 4-2:
Clock Stretching.
4.1.8
SEQUENTIAL READ
During a sequential read, the device transmits data
bytes starting from the previously set Register Pointer.
The MCP960X/L0X/RL0X increments an internal
address pointer each time a byte transmission is suc-
cessfully completed with an ACK bit from the host con-
troller. Therefore, the device can sequentially output
the entire register values shown in Table 5-1 (see
Figure 4-6). A Stop Condition terminates the sequential
read.
Note:
If the host controller does not provide the
adequate delay as specified by tSTRECH,
then the device will output the previously
transmitted data.
Note:
The
MCP960X/L0X/RL0X
does
not
support Sequential Write function.
A
C
K
xx
x
x
A
C
K
A
0
78
1
2345
6
7
8
x
R
MCP960X/L0X/RL0X
Host
xx
x
MCP960X/L0X/RL0X Clock Stretching – tSTRETCH
TH MSB Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com