Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9601 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP9601
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9601 Datasheet(HTML) 3 Page - Microchip Technology

  MCP9601 Datasheet HTML 1Page - Microchip Technology MCP9601 Datasheet HTML 2Page - Microchip Technology MCP9601 Datasheet HTML 3Page - Microchip Technology MCP9601 Datasheet HTML 4Page - Microchip Technology MCP9601 Datasheet HTML 5Page - Microchip Technology MCP9601 Datasheet HTML 6Page - Microchip Technology MCP9601 Datasheet HTML 7Page - Microchip Technology MCP9601 Datasheet HTML 8Page - Microchip Technology MCP9601 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 3
MCP960X/L0X/RL0X
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
VDD............................................................................................................................................................................ 6.0V
Voltage at All Input/Output Pins ........................................................................................................ GND – 0.3V to 6.0V
Storage Temperature ..............................................................................................................................-65°C to +150°C
Ambient Temperature with Power Applied ..............................................................................................-40°C to +125°C
Junction Temperature (TJ)..................................................................................................................................... +150°C
ESD Protection on All Pins (HBM:MM) .......................................................................................................... (4 kV:300V)
Latch-up Current at Each Pin............................................................................................................................. ±100 mA
†Notice: Stresses above those listed under “Maximum ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in
the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = 2.7V to 5.5V, GND = Ground, TA = -40°C to +125°C
(where: TA =TC, defined as Device Ambient Temperature).
Parameters
Sym.
Min.
Typ.
Max.
Unit
Conditions
Thermocouple Sensor Measurement Accuracy – MCP9600/01
TH Hot-Junction Accuracy (VDD =3.3V)
TH =TC +TΔ (Note 1)
TH_ACY
-1.5
±0.5
+1.5
°C
TA = 0°C to +85°C
-3.0
±1
+3.0
TA = -40°C to +125°C
TC Cold-Junction Accuracy (VDD =3.3V)
TC_ACY
-1.0
±0.5
+1.0
°C
TA = 0°C to +85°C
-2.0
±1
+2.0
TA = -40°C to +125°C
TΔ Junctions Temperature Delta Accuracy – MCP9600/01
Type K: TΔ = -200°C to +1372°C
VEMF Range: -5.907 mV to 54.886 mV
TΔ_ACY
-0.5
±0.25
+0.5
°C
TA = 0°C to +85°C,
VDD =3.3V (Note 2)
Type J: TΔ = -150°C to +1200°C
VEMF Range: -3.336 mV to 47.476 mV
Type T: TΔ = -200°C to +400°C
VEMF Range: -5.603 mV to 20.81 mV
Type N: TΔ = -150°C to +1300°C
VEMF Range: -3.336 mV to 47.476 mV
Type E: TΔ = -200°C to +1000°C
VEMF Range: -8.825 mV to 76.298 mV
Type S: TΔ = 250°C to +1664°C
VEMF Range: -1.875 mV to 17.529 mV
TA = 0°C to +85°C,
VDD =3.3V
(Notes 2, 3)
Type B: TΔ = 1000°C to +1800°C
VEMF Range: -4.834 mV to 13.591 mV
Type R: TΔ = 250°C to +1664°C
VEMF Range: -1.923 mV to 19.732 mV
Note 1:
The TC and T summation is implemented in milli-volt (mV) domain. The result, TH (mV), is converted to
Degree Celsius using the NIST ITS-90 Conversion database.
2:
The T_ACY temperature accuracy specification is defined as the device accuracy to the NIST ITS-90
Thermocouple EMF to Degree Celsius Conversion Database with TC = 0°C.
3:
The device measures temperature below the specified range, however, the sensitivity to changes in
temperature reduces exponentially. Type R and S measure down to -50°C, or -0.226 mVEMF and
-0.235 mVEMF, respectively. Type B measures down to 500°C or 1.242 mVEMF (see
Figures 2-7, 2-8, 2-10, 2-11, 2-14 and 2-17).
4:
Exceeding the VIN_CM input range may cause leakage current through the ESD protection diodes at the
thermocouple input pins. This parameter is characterized but not production tested.
5:
The Minimum and Maximum %VDD thresholds are characterized but not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com