Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9601 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP9601
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9601 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP9601 Datasheet HTML 32Page - Microchip Technology MCP9601 Datasheet HTML 33Page - Microchip Technology MCP9601 Datasheet HTML 34Page - Microchip Technology MCP9601 Datasheet HTML 35Page - Microchip Technology MCP9601 Datasheet HTML 36Page - Microchip Technology MCP9601 Datasheet HTML 37Page - Microchip Technology MCP9601 Datasheet HTML 38Page - Microchip Technology MCP9601 Datasheet HTML 39Page - Microchip Technology MCP9601 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 36
MCP960X/L0X/RL0X
5.2.3
DEVICE CONFIGURATION
REGISTER
The device Configuration register allows the user to
configure
various
functions,
such
as
sensor
measurement resolutions and Power modes. The
Resolution register is used to select the sensor
resolution for the desired temperature conversion time.
When resolutions are changed, the change takes effect
when the next measurement cycle begins.
This device integrates two Low-Power Operating
modes: Shutdown mode and Burst mode, which can be
selected using bit 0 and bit 1. When the Shutdown
mode is executed, all power consuming activities are
disabled and the operating current remains at ISHDN.
During the Shutdown mode, all registers are
accessible; however, I2C activity on the bus increases
the current.
The Burst mode enables users to execute a given
number of temperature samples (defined by bits[4-2])
before entering Shutdown mode. Each temperature
sample is compared to the user-settable alert
temperature limits, and if the alert conditions are true,
then the device asserts the corresponding alert output.
In addition, if the filter option is enabled, then the filter
engine is applied to each temperature sample. The alert
thresholds are also compared to the filtered temperature
data. This feature is useful for battery power
applications, where temperature is sampled upon
request from the host controller.
FIGURE 5-7:
Burst Mode Operation.
1←Samples→128
Burst Mode Command
Shutdown Mode
Shutdown Mode
Normal Operation
REGISTER 5-8:
DEVICE CONFIGURATION REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Cold-Junction
Resolution
ADC Measurement Resolution
Burst Mode Temperature Samples
Shutdown Modes
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Cold-Junction/Ambient Sensor Resolution: Cold-Junction Resolution bit (see Table 5-2):
0 = 0.0625°C
1 = 0.25°C
bit 6-5
ADC Measurement Resolution: ADC Resolution bits (see Table 5-3):
00 =18-bit Resolution
01 =16-bit Resolution
10 =14-bit Resolution
11 =12-bit Resolution
bit 4-2
Burst Mode Temperature Samples: Number of Temperature Samples bits
000 = 1 sample
001 = 2 samples
010 = 4 samples
011 = 8 samples
100 = 16 samples
101 = 32 samples
110 = 64 samples
111 = 128 samples
bit 1-0
Shutdown Modes: Shutdown Mode bits
00 = Normal operation
01 = Shutdown mode
10 = Burst mode
11 = Unimplemented: this setting has no effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com