Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9601 Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP9601
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9601 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP9601 Datasheet HTML 31Page - Microchip Technology MCP9601 Datasheet HTML 32Page - Microchip Technology MCP9601 Datasheet HTML 33Page - Microchip Technology MCP9601 Datasheet HTML 34Page - Microchip Technology MCP9601 Datasheet HTML 35Page - Microchip Technology MCP9601 Datasheet HTML 36Page - Microchip Technology MCP9601 Datasheet HTML 37Page - Microchip Technology MCP9601 Datasheet HTML 38Page - Microchip Technology MCP9601 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 35
MCP960X/L0X/RL0X
5.2.2
THERMOCOUPLE SENSOR
CONFIGURATION REGISTER
The
MCP960X/L0X/RL0X
Sensor
Configuration
register is used to select the thermocouple sensor
types and to select the digital filter options. This device
supports eight thermocouple types. Each type has a
unique set of error correction coefficients that are
derived from the NIST Thermocouple EMF Voltage
Conversion database.
In addition, this device integrates a first order. recursive
Infinite Impulse Response (IIR) filter, also known as
Exponential Moving Average (EMA). The filter uses the
current new temperature sample and the previous filter
output to calculate the next filter output. It also adds more
weight to the current temperature data, allowing a faster
filter response to the immediate change in temperature.
This feature can be used to filter out fast thermal
transients or thermal instability at the thermocouple
hot-junction temperature. Writing this register resets the
filter.
The filter equation is shown in Equation 5-4 and the
Filter Coefficient n is user-selectable, from Level 0 to 7.
A coefficient of 0 disables the filter function and a 7
coefficient provides a maximum digital filter. Figure 5-6
shows the filter response to a step function, which can
be used to extrapolate the filter performance to various
temperature changes.
EQUATION 5-4:
DIGITAL FILTER
FIGURE 5-6:
Filter Step Response.
Yk X
1k
–
 Y
1
–
+
=
Where:
Y = New filtered temperature in TΔ
X = Current, unfiltered hot-junction
temperatures
Y-1 =Previous filtered temperature
n = User-selectable filter coefficient
k2 2
n
1
+

=
0.0
0.5
1.0
0.0
32.0
64.0
96.0
128.0
Number of Temperature Samples
n=0
n=1
n=2
n=3
n=4
n=5
n=6
n=7
REGISTER 5-7:
SENSOR CONFIGURATION REGISTER
U-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
—
Thermocouple Type Select, Type K, J, T, N, S, E, B, R
—
Filter Coefficients
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6-4
Thermocouple Type: Thermocouple Type Select bits
000 = Type K
001 = Type J
010 = Type T
011 = Type N
100 = Type S
101 = Type E
110 = Type B
111 = Type R
bit 3
Unimplemented: Read as ‘0’
bit 2-0
Filter Coefficient – n: Filter Coefficient bits
000 = n = 0: Filter off
001 = n = 1: Minimum filter
010 = n = 2
011 = n = 3
100 = n = 4: Mid filter
101 = n = 5
110 = n = 6
111 = n = 7: Maximum filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com