Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9601 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP9601
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9601 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP9601 Datasheet HTML 2Page - Microchip Technology MCP9601 Datasheet HTML 3Page - Microchip Technology MCP9601 Datasheet HTML 4Page - Microchip Technology MCP9601 Datasheet HTML 5Page - Microchip Technology MCP9601 Datasheet HTML 6Page - Microchip Technology MCP9601 Datasheet HTML 7Page - Microchip Technology MCP9601 Datasheet HTML 8Page - Microchip Technology MCP9601 Datasheet HTML 9Page - Microchip Technology MCP9601 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 6
MCP960X/L0X/RL0X
Sensor Characteristics
TC and TH Temperature Resolution
TRES
—
±0.0625
—
°C
With max. resolution
Sampling Rate (TA =+25°C)
tCONV
—
320
—
ms
18-bit resolution
—
80
—
16-bit resolution
—
20
—
14-bit resolution
—
5
—
12-bit resolution
Temperature Calculation Time
tCALC
—12
—
ms
TA =+25°C
Thermocouple Input
Offset Error
VOERR
—±2
—
µV
Offset Error Drift
VOE_DR
—50
—
nV/°C
Full-Scale Gain Error — MCP9600/01
GERR
——
±0.04
%FS
TA = 0°C to +85°C
Full-Scale Gain Error — MCP96L00/L01
—
±0.12
—
TA = -40°C to +125°C
Full-Scale Gain Error —MCP96RL00/RL01
—
±0.24
—
Full-Scale Gain Error Drift
GER_DR
—±0.01
—
%FS
Full-Scale Integral Nonlinearity
INL
—
10
—
ppm
Voltage Resolution
VRES
—
2
—
µV
18-bit resolution
Differential Mode Range
VIN_DF
-250
—
+250
mV
ADC input range
Differential Mode Impedance
ZIN_DF
—
300
—
k
Common-Mode Range
VIN_CM VDD – 0.3
—
VDD + 0.3
V
Note 4
Common-Mode Impedance
ZIN_CM
—25
—
M
Common-Mode Rejection Ratio
CMRR
—
105
—
dB
Power Supply Rejection Ratio
PSRR
—
60
—
dB
Line Regulation
VLine_R
—0.2
—
°C/V
Voltage Sense Input (VSENSE) for Thermocouple Open and Short-Circuit Detection (MCP9601/L01/RL01)
VSENSE Input Range (Note 5)
VSiRNG
0—
100
%VDD
(see Figure 1-1)
- Short Circuit to VDD
VSiSC
90
—
100
SC Alert Asserts
- Short Circuit to GND
0
—
10
- Open-Circuit
VSiOC
19
—
50
OC Alert Asserts
- Normal Operation
VSiNOR
10
—
19
OC Alert Deasserts
VSENSE Input Leakage
ISiLEAK
—0.1
1
µA
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, VDD = 2.7V to 5.5V, GND = Ground, TA = -40°C to +125°C
(where: TA =TC, defined as Device Ambient Temperature).
Parameters
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1:
The TC and T summation is implemented in milli-volt (mV) domain. The result, TH (mV), is converted to
Degree Celsius using the NIST ITS-90 Conversion database.
2:
The T_ACY temperature accuracy specification is defined as the device accuracy to the NIST ITS-90
Thermocouple EMF to Degree Celsius Conversion Database with TC = 0°C.
3:
The device measures temperature below the specified range, however, the sensitivity to changes in
temperature reduces exponentially. Type R and S measure down to -50°C, or -0.226 mVEMF and
-0.235 mVEMF, respectively. Type B measures down to 500°C or 1.242 mVEMF (see
Figures 2-7, 2-8, 2-10, 2-11, 2-14 and 2-17).
4:
Exceeding the VIN_CM input range may cause leakage current through the ESD protection diodes at the
thermocouple input pins. This parameter is characterized but not production tested.
5:
The Minimum and Maximum %VDD thresholds are characterized but not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com