Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16899 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ALVT16899
Description  2.5V/3.3V 18-bit latched transceiver with 16-bit parity generator/checker 3-State
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16899 Datasheet(HTML) 5 Page - NXP Semiconductors

  74ALVT16899 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Philips Semiconductors
Product specification
74ALVT16899
2.5V/3.3V 18-bit latched transceiver with 16-bit parity
generator/checker (3-State)
1998 Jun 30
5
BLOCK DIAGRAM
1
0
mux
9–bit
Output
Buffer
OE
9–bit
Output
Buffer
9–bit
Transparent
Latch
LE
Parity
Generator
Parity
Generator
1
0
mux
OE
9–bit
Transparent
Latch
LE
OEB
LEA
A0
A1
A2
A3
A4
A5
A6
A7
APAR
OEA
SEL
ODD/
EVEN
LEB
B7
BPAR
B6
B5
B4
B3
B2
B1
B0
ERRA
ERRB
SH00084
(1 of 2 parity blocks)
FUNCTION TABLE
INPUTS
OPERATING MODE
OEB
OEA
SEL
LEA
LEB
H
H
X
X
X
3-State A bus and B bus (input A & B simultaneously)
H
L
L
L
H
B
→ A, transparent B latch, generate parity from B0 - B7, check B bus parity
H
L
L
H
H
B
→ A, transparent A & B latch, generate parity from B0 - B7, check A & B bus parity
H
L
L
X
L
B
→ A, B bus latched, generate parity from latched B0 - B7 data, check B bus parity
H
L
H
X
H
B
→ A, transparent B latch, parity feed-through, check B bus parity
H
L
H
H
H
B
→ A, transparent A & B latch, parity feed-through, check A & B bus parity
L
H
L
H
X
A
→ B, transparent A latch, generate parity from A0 - A7, check A bus parity
L
H
L
H
H
A
→ B, transparent A & B latch, generate parity from A0 - A7, check A & B bus parity
L
H
L
L
X
A
→ B, A bus latched, generate parity from latched A0 - A7 data, check A bus parity
L
H
H
H
L
A
→ B, transparent A latch, parity feed-through, check A bus parity
L
H
H
H
H
A
→ B, transparent A & B latch, parity feed-through, check A & B bus parity
L
L
X
X
X
Output to A bus and B bus (NOT ALLOWED)
H = High voltage level
L
= Low voltage level
X = Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com