Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16899 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74ALVT16899
Description  2.5V/3.3V 18-bit latched transceiver with 16-bit parity generator/checker 3-State
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16899 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVT16899 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 13Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Philips Semiconductors
Product specification
74ALVT16899
2.5V/3.3V 18-bit latched transceiver with 16-bit parity
generator/checker (3-State)
1998 Jun 30
10
AC CHARACTERISTICS (2.5V
"0.2V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.5V ± 0.2V
UNIT
MIN
TYP1
MAX
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
1
1.0
1.0
2.0
2.2
3.5
3.9
ns
tPLH
tPHL
Propagation delay
An to BPAR or Bn to APAR
4
3.0
3.0
7.0
6.5
10.5
10.2
ns
tPLH
tPHL
Propagation delay
An to ERRA or Bn to ERRB
5
4.5
3.5
9.8
7.0
14.5
11.5
ns
tPLH
tPHL
Propagation delay
APAR to BPAR or BPAR to APAR
3
1.0
1.0
3.0
3.5
4.3
5.5
ns
tPLH
tPHL
Propagation delay
APAR to ERRA or BPAR to ERRB
8
3.0
1.5
6.7
3.6
10.0
5.4
ns
tPLH
tPHL
Propagation delay
ODD/EVEN to APAR or BPAR
7
2.5
2.5
5.2
5.0
7.8
7.8
ns
tPLH
tPHL
Propagation delay
ODD/EVEN to ERRA or ERRB
6
4.0
4.0
8.6
8.1
12.0
10.6
ns
tPLH
tPHL
Propagation delay
SEL to APAR or BPAR
10
1.5
1.5
3.7
3.2
5.5
5.3
ns
tPLH
tPHL
Propagation delay
SEL to ERRA or ERRB
5
4.5
3.0
9.4
7.6
14.0
11.5
ns
tPLH
tPHL
Propagation delay
LEA to Bn or LEB to An
11
1.0
1.0
3.0
3.0
4.8
4.6
ns
tPLH
tPHL
Propagation delay
LEA to BPAR or LEB to APAR
11
2.5
2.5
7.5
7.4
12.2
11.2
ns
tPLH
tPHL
Propagation delay
LEA to ERRA or LEB to ERRB
9
4.5
3.5
9.7
8.5
15.0
13.4
ns
tPZH
tPZL
Output enable time
OEA to An, APAR or OEB to Bn, BPAR
13, 14
1.5
1.0
4.0
2.6
6.0
4.6
ns
tPHZ
tPLZ
Output disable time
OEA to An, APAR or OEB to Bn, BPAR
13, 14
1.5
1.0
4.5
3.7
6.5
5.0
ns
NOTE:
1. All typical values are at VCC = 2.5V and Tamb = 25°C.
AC SETUP REQUIREMENTS (2.5V
"0.2V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.5V ±0.2V
UNIT
MIN
TYP
ts(H)
ts(L)
Setup time, High or Low
An, APAR to LEA or Bn, BPAR to LEB
12
–1.0
1.2
–0.4
0.4
ns
th(H)
th(L)
Hold time, High or Low
An, APAR to LEA or Bn, BPAR to LEB
12
–1.0
1.2
–0.4
0.5
ns
tw(H)
Pulse width, High
LEA or LEB
12
1.0
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com